Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP259-ASFN Datasheet(PDF) 75 Page - Tontek Design Technology

Part # TTP259-ASFN
Description  Preliminary
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP259-ASFN Datasheet(HTML) 75 Page - Tontek Design Technology

Back Button TTP259-ASFN Datasheet HTML 71Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 72Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 73Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 74Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 75Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 76Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 77Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 78Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 79Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 81 page
background image
Preliminary
TTP259
TonTouch
TM
2015/05/25
Page 75 of 81
Ver: 1.1
TPCT2~TPCT0 duty counter as initial value and start the scan function.
As writing the TPCTL register (exclude select TP STOP) will reload the
12-bit duty counter and clear the TPCTF and TPCMPF.
As touch pad analog switch keeps on, the relative IO port is disabled as
tri-state by hardware.
CSAL[218H]: Select Capacity load low nibble register [R/W], default value [0000]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
CSA3
CSA2
CSA1
CSA0
Read/Write
R/W
R/W
R/W
R/W
CSA3~CSA0: Select Capacity load low nibble data for touch pad.
CSAH[219H]: Select Capacity load high nibble register [R/W], default value [--00]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
-
-
CSA5
CSA4
Read/Write
-
-
R/W
R/W
CSA5~CSA4: Select Capacity load high nibble data for touch pad.
CSA5~CSA0
Extra capacity load
00 0000
0 * C array unit
00 0001
1 * C array unit
……
……
11 1110
62 * C array unit
11 1111
63 * C array unit
Note: C array unit = 0.25pf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com