Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP259-ASFN Datasheet(PDF) 28 Page - Tontek Design Technology

Part # TTP259-ASFN
Description  Preliminary
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP259-ASFN Datasheet(HTML) 28 Page - Tontek Design Technology

Back Button TTP259-ASFN Datasheet HTML 24Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 25Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 26Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 27Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 28Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 29Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 30Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 31Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 32Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 81 page
background image
Preliminary
TTP259
TonTouch
TM
2015/05/25
Page 28 of 81
Ver: 1.1
FST is set, frequency shift function will be activated. Swing shift back and forth
from the center frequency. Set FST=0 to off frequency shift function. When
frequency shift function is executing, OSCHADJF will be set 0. Then user can
not change OSCHADJ and FST, but only can be set 0 to off function. Frequency
shift function will not immediately stop, when FST is set to 0, the need to wait
until the frequency back to the original frequency, while OSCHADJF will be set
to 1.
OSCHADJ use ranges from 1 to 8, do not use the value out of range.
P-2: Time Base
The time base has 2 interrupt sources and both of them come from
the peripheral internal RC oscillator. The time base 1st overflow output
(TB1OV) can cause interrupt and the period is selected by TB1S2~TB1S0
in TBC register. The time base 2nd overflow output (TB2OV) also offers
two sample frequency options by TB2S bit in the TBC register.
8-bit
Counter
TBLDR
reload
clear
TBCK/128
TBCK/256
TBCK/512
TBCK/1024
TBCK/2048
TBCK/4096
TBCK/8192
TBCK/16384
TB2OV
TB2S
TB1OV
TB1S2~TB1S0
7-bit
Counter
TBCK
128Hz
64Hz
32Hz
16Hz
8Hz
4Hz
2Hz
1Hz
Write TBRB to
reload 8-bit counter
and clear 7-bit counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com