Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP259-ASFN Datasheet(PDF) 22 Page - Tontek Design Technology

Part # TTP259-ASFN
Description  Preliminary
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP259-ASFN Datasheet(HTML) 22 Page - Tontek Design Technology

Back Button TTP259-ASFN Datasheet HTML 18Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 19Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 20Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 21Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 22Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 23Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 24Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 25Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 26Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 81 page
background image
Preliminary
TTP259
TonTouch
TM
2015/05/25
Page 22 of 81
Ver: 1.1
SPCON1 [21CH]: Special control register 1 [R/W], default value [0000]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
INTTS
FST2
FST1
FST0
Read/write
R/W
R/W
R/W
R/W
FST2~FST0: Frequency Shift Time selector.
INTTS: INT0 Interrupt input type selector. (0: Schmitt; 1: comparator)
Compare reference voltage use bandgap voltage 1.12V.
FST2~FST0
Frequency Shift Time (us)
000
OFF
001
4
010
8
011
16
100
32
101
64
110
128
111
256
SPCON2 [21DH]: Special control register 2 [R/W], default value [--00]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
-
-
TPNIS
CSAMODE
Read/write
-
-
R/W
R/W
CSAMODE: CSA mode selector for touch pad scan.
0: C array as a touch pad capacitance compensation.
1: C array as a touch pad current compensation.
TPNIS: Touch detect circuit type selector.
0: TPNI use Schmitt trigger output signal.
1: TPNI use comparator output signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com