Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP259-ASFN Datasheet(PDF) 77 Page - Tontek Design Technology

Part # TTP259-ASFN
Description  Preliminary
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP259-ASFN Datasheet(HTML) 77 Page - Tontek Design Technology

Back Button TTP259-ASFN Datasheet HTML 73Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 74Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 75Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 76Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 77Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 78Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 79Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 80Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 81Page - Tontek Design Technology  
Zoom Inzoom in Zoom Outzoom out
 77 / 81 page
background image
Preliminary
TTP259
TonTouch
TM
2015/05/25
Page 77 of 81
Ver: 1.1
The following table shows the mask option in this chip. All the mask options must be
defined clearly and ensure to meet user’s proper function.
No.
Mask Option
Function Descriptions
+1
LVR output Voltage select
0
2.2V
1
3.0V
+1
PWM0S
0
Start 0(active high)
1
Start 1(active low)
+1
PWM1S
0
Start 0(active high)
1
Start 1(active low)
+1
PWM2S
0
Start 0(active high)
1
Start 1(active low)
+2
INT0F trigger type
INT0S1,INT0S0
00
Low level trigger
01
Falling edge trigger
10
Rising edge trigger
11
Dual edge trigger
+2
INT1F trigger type
INT1S1,INT1S0
00
Low level trigger
01
Falling edge trigger
10
Rising edge trigger
11
Dual edge trigger
+1
INT0 function pin select
0
INT0 select PB3
1
INT0 select PA0
+1
INT1 function pin select
0
INT1 select PB2
1
INT1 select PB0
+1
PWM0 function pin select
0
PWM0 select PA2
1
PWM0 select PB0
+1
PWM1 function pin select
0
PWM1 select PA1
1
PWM1 select PB1
+1
LDO output Voltage select
0
2.7V
1
4.2V
+1
LVREN select
0
LVREN disable
1
LVREN enable
+1
SpecIO
0
PA0,PB0,PB1 is normal IO port
1
PA0,PB0,PB1 is special function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com