Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP259-ASFN Datasheet(PDF) 76 Page - Tontek Design Technology

Part # TTP259-ASFN
Description  Preliminary
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP259-ASFN Datasheet(HTML) 76 Page - Tontek Design Technology

Back Button TTP259-ASFN Datasheet HTML 72Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 73Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 74Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 75Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 76Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 77Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 78Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 79Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 80Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 81 page
background image
Preliminary
TTP259
TonTouch
TM
2015/05/25
Page 76 of 81
Ver: 1.1
§ Mask Option Table:
All the OTP mask option register can open for user to reset the initial value,
but should enable the MRO. User writes MRO address first then changes the
target mask option register data. The MRO enable will be cleared with other
writing address. Bit 3 of MOP0 must always set to 1.
MOP0: LVR voltage select option register [R/W], default value [1-0-]
Mask option
Bit3
Bit2
Bit1
Bit0
Bit Name
1
-
LVRVS
-
Read/Write
R/W
-
R/W
-
MOP1: PWM start level option register [R/W], default value [-000]
Mask option
Bit3
Bit2
Bit1
Bit0
Bit Name
-
PWM2S
PWM1S
PWM0S
Read/Write
-
R/W
R/W
R/W
MOP2: INT trigger option register [R/W], default value [0000]
Mask option
Bit3
Bit2
Bit1
Bit0
Bit Name
INT1S1
INT1S0
INT0S1
INT0S0
Read/Write
R/W
R/W
R/W
R/W
MOP3: Function pin select 1st option register [R/W], default value [0000]
Mask option
Bit3
Bit2
Bit1
Bit0
Bit Name
PWM1PS
PWM0PS
INT1PS
INT0PS
Read/Write
R/W
R/W
R/W
R/W
MOP4: Function select option register [R/W], default value [0--0]
Mask option
Bit3
Bit2
Bit1
Bit0
Bit Name
LVREN
-
-
LDOVS
Read/Write
R/W
-
-
R/W
MOP5: Function pin select 2nd option register [R/W], default value [000-]
Mask option
Bit3
Bit2
Bit1
Bit0
Bit Name
PWM2PS1
PWM2PS0
SpecIO
-
Read/Write
R/W
R/W
R/W
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com