Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP259-ASFN Datasheet(PDF) 33 Page - Tontek Design Technology

Part # TTP259-ASFN
Description  Preliminary
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP259-ASFN Datasheet(HTML) 33 Page - Tontek Design Technology

Back Button TTP259-ASFN Datasheet HTML 29Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 30Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 31Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 32Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 33Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 34Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 35Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 36Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 37Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 81 page
background image
Preliminary
TTP259
TonTouch
TM
2015/05/25
Page 33 of 81
Ver: 1.1
P-4: 12-bit Timer/Counter/PWM for TCP2
One 12-bit timer/counter (TCP2) with 4 kind clock sources and preload
data buffer can implement as a timer or counter feature. The clock sources of
TCP2 are selected by TCP2S1~TCP2S0 of TCP2 control register (TCP2C).
TCP2OV is the timer or counter overflow signal and the rising edge will set the
relative INT flag.
TCP2C[203H]: TCP2 Timer/counter/PWM control register [R/W], default value [0000]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
TCP2LD
TCP2S1
TCP2S0
TCP2EN
Read/Write
R/W
R/W
R/W
R/W
TCP2EN: TCP2 counting enable. (0: disable; 1: enable)
TCP2LD: TCP2 auto-reload enable. (0: disable; 1: enable)
TCP2S1~TCP2S0: TCP2 clock source selector.
TCP2S1
TCP2S0
Selected Clock source
0
0
FS
0
1
OSCH
1
0
TBCK
1
1
TCP1OV
TCP2L[204H]: TCP2 low nibble data register [R/W], default value [0000]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name TCP2_3/TCP2D3 TCP2_2/TCP2D2 TCP2_1/TCP2D1 TCP2_0/TCP2D0
Read/Write
R/W
R/W
R/W
R/W
TCP2_3~TCP2_0: Reading TCP2 counter low nibble data.
TCP2D3~TCP2D0: Writing TCP2D low nibble of data buffer.
TCP2M[205H]:TCP2 middle nibble data register [R/W], default value [0000]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name TCP2_7/TCP2D7 TCP2_6/TCP2D6 TCP2_5/TCP2D5 TCP2_4/TCP2D4
Read/Write
R/W
R/W
R/W
R/W
TCP2_7~TCP2_4: Reading TCP2 counter middle nibble data.
TCP2D7~TCP2D4: Writing TCP2D middle nibble of data buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com