Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP259-ASFN Datasheet(PDF) 12 Page - Tontek Design Technology

Part # TTP259-ASFN
Description  Preliminary
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP259-ASFN Datasheet(HTML) 12 Page - Tontek Design Technology

Back Button TTP259-ASFN Datasheet HTML 8Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 9Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 10Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 11Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 12Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 13Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 14Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 15Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 16Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 81 page
background image
Preliminary
TTP259
TonTouch
TM
2015/05/25
Page 12 of 81
Ver: 1.1
§ Peripheral registers:
Address
Symbol R/W Default
Description
008H
PS
R/W
-100
CPU power saving control register
009H
PSP
R/W
0---
Peripheral power saving control register
00AH
INTC
R/W
0000
Interrupt enable control register
00BH
INTF
R/W
0000
Interrupt request flag register
00CH
INTC1
R/W
0000
Extended interrupt enable control register
00DH
INTF1
R/W
0000
Extended interrupt request flag register
00EH
PWMC
R/W
-000
PWM control register
00FH
PWM0L
R/W
xxxx
PWM0 duty low nibble data register
010H
PWM0M
R/W
xxxx
PWM0 duty middle nibble data register
011H
PWM0H
R/W
xxxx
PWM0 duty high nibble data register
012H
PAC
R/W
-111
IO port A control register
013H
PA
R/W
-111
IO port A output data register
014H
PBC
R/W
1111
IO port B control register
015H
PB
R/W
1111
IO port B output data register
016H
PCC
R/W
1111
IO port C control register
017H
PC
R/W
1111
IO port C output data register
018H
PDC
R/W
1111
IO port D control register
019H
PD
R/W
1111
IO port D output data register
01AH
PEC
R/W
1111
IO port E control register
01BH
PE
R/W
1111
IO port E output data register
01CH
PFC
R/W
1111
IO port F control register
01DH
PF
R/W
1111
IO port F output data register
01EH
TPINTC
R/W
00--
Touch pad interrupt enable control register
01FH
TPINTF
R/W
00--
Touch pad interrupt request flag register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com