Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP259-ASFN Datasheet(PDF) 40 Page - Tontek Design Technology

Part # TTP259-ASFN
Description  Preliminary
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP259-ASFN Datasheet(HTML) 40 Page - Tontek Design Technology

Back Button TTP259-ASFN Datasheet HTML 36Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 37Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 38Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 39Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 40Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 41Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 42Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 43Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 44Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 81 page
background image
Preliminary
TTP259
TonTouch
TM
2015/05/25
Page 40 of 81
Ver: 1.1
Read/Write
R/W
R/W
R/W
R/W
PWM2D7~PWM2D4: PWM2 duty middle nibble data.
PWM2H[22FH]: PWM2 duty high nibble data register [R/W], default value [xxxx]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
PWM2D11
PWM2D10
PWM2D9
PWM2D8
Read/Write
R/W
R/W
R/W
R/W
PWM2D11~PWM2D8: PWM2 duty high nibble data.
TC P2 C N T
Du ty
CM P
PW M x E N
PW M x
4-bit du ty L
8-bit du ty M and H
T M P du ty M and H
WR
PW M x L
WR
PW M x H
an d
PW M x M
PW M x O
12-bit du ty
TC P2 O V
PWMxD
PWM duty
Note
0
(0 * clock cycle) / TCP2 timer’s period
All off
1
(1 * clock cycle) / TCP2 timer’s period
2
(2 * clock cycle) / TCP2 timer’s period
……
……
n
((n) * clock cycle) / TCP2 timer’s period
……
……
TCP2D
((TCP2D) * clock cycle) / TCP2 timer’s period
All on
Note: 1. PWMxD can not bigger than TCP2D
2. TCP2 timer’s period = (TCP2D) * clock cycle.
3. PWM can start 0 or start 1 by mask option.
Table: PWM duty
Figure: PWM (TCP2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com