Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP259-ASFN Datasheet(PDF) 27 Page - Tontek Design Technology

Part # TTP259-ASFN
Description  Preliminary
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP259-ASFN Datasheet(HTML) 27 Page - Tontek Design Technology

Back Button TTP259-ASFN Datasheet HTML 23Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 24Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 25Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 26Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 27Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 28Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 29Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 30Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 31Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 81 page
background image
Preliminary
TTP259
TonTouch
TM
2015/05/25
Page 27 of 81
Ver: 1.1
P-1-1: OSC Frequency Adjustment
ADJSTAT[230H]: Frequency Adjustment Status flag register [R], default value [--11]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
-
-
OSCHADJF
TBADJF
Read/Write
-
-
R
R
TBADJF: Time base adjustment status flag. (0: busy, 1: idle)
OSCHADJF: OSCH frequency adjustment status flag. (0: busy, 1: idle)
SPCON1 [21CH]: Special control register 1 [R/W], default value [0000]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
INTTS
FST2
FST1
FST0
Read/write
R/W
R/W
R/W
R/W
FST2~FST0: Frequency Shift Time selector.
FST2~FST0
Frequency Shift Time (us)
000
OFF
001
4
010
8
011
16
100
32
101
64
110
128
111
256
OSCHADJ [220H]: OSCH frequency adjustment register [R/W], default value [0001]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
ADJ3
ADJ2
ADJ1
ADJ0
Read/write
R/W
R/W
R/W
R/W
ADJ3~ADJ0: OSCH frequency adjustment data.
OSCHADJ set the frequency swing range, when the change time in register
FS2~FS0
FS
FS2~FS0
FS
0
OSCH/1
4
OSCH/16
1
OSCH/2
5
OSCH/32
2
OSCH/4
6
OSCH/64
3
OSCH/8
7
OSCH/128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com