Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP259-ASFN Datasheet(PDF) 74 Page - Tontek Design Technology

Part # TTP259-ASFN
Description  Preliminary
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP259-ASFN Datasheet(HTML) 74 Page - Tontek Design Technology

Back Button TTP259-ASFN Datasheet HTML 70Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 71Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 72Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 73Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 74Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 75Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 76Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 77Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 78Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 81 page
background image
Preliminary
TTP259
TonTouch
TM
2015/05/25
Page 74 of 81
Ver: 1.1
When TPCHS0 is writing, TPCTL will be set TP RUN mode, and begin to
scan the channel by TPCHS3~TPCHS0 select.
Users can enable multi-channel by setting corresponding bit 1, that will
turn on all enable channel at the same time.
TPCTL[214H]: Touch pad control register [R/W], default value [-000]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
-
TPCTL2
TPCTL1
TPCTL0
Read/Write
-
R/W
R/W
R/W
TPCTL2~TPCTL0: Touch pad control selector.
As program writes the TPCTL register, hardware automatically charges the
external capacitor and reload TPCTx and enable the sensor clock input until
period end.
TP STOP: STOP the touch pad feature and release pad for IO port.
TP RUN: TP RUN is touch pad scan start signal, it’s scan the channel by
TPCHS3~TPCHS0 select.
Charge: Charge can hold touch pad in charge state, to avoid charge time
too short.
Inner pad: Select switch select Inner pad. Inner pad is reference pad, this
pad is no bounding to package.
When user writes data to the TPCT2~TPCT0, the data just keep in
TPCT2~TPCT0 latch register. When writing the TPCTL register (exclude select
TP STOP), the TPCT2~TPCT0 latch register’s complement value will load into
TPCTL2~TPCTL0
Channel Enable State
000
TP STOP
001
TP RUN
010
-
011
Charge
100
Inner pad
101
-
110
-
111
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com