Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP259-ASFN Datasheet(PDF) 66 Page - Tontek Design Technology

Part # TTP259-ASFN
Description  Preliminary
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP259-ASFN Datasheet(HTML) 66 Page - Tontek Design Technology

Back Button TTP259-ASFN Datasheet HTML 62Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 63Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 64Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 65Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 66Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 67Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 68Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 69Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 70Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 81 page
background image
Preliminary
TTP259
TonTouch
TM
2015/05/25
Page 66 of 81
Ver: 1.1
PCC[016H]: Port C IO control register [R/W], default value [1111]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
PCC3
PCC2
PCC1
PCC0
Read/Write
R/W
R/W
R/W
R/W
PCC3~PCC0: Port C IO control data.
PC[017H]: Port C output data register [R/W], default value [1111]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
PC3
PC2
PC1
PC0
Read/Write
R/W
R/W
R/W
R/W
PC3~PC0: Port C output data.
PDC[018H]: Port D IO control register [R/W], default value [1111]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
PDC3
PDC2
PDC1
PDC0
Read/Write
R/W
R/W
R/W
R/W
PDC3~PDC0: Port D IO control data.
PD[019H]: Port D output data register [R/W], default value [1111]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
PD3
PD2
PD1
PD0
Read/Write
R/W
R/W
R/W
R/W
PD3~PD0: Port D output data.
PEC[01AH]: Port E IO control register [R/W], default value [1111]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
PEC3
PEC2
PEC1
PEC0
Read/Write
R/W
R/W
R/W
R/W
PEC3~PEC0: Port E IO control data.
PE[01BH]: Port E output data register [R/W], default value [1111]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
PE3
PE2
PE1
PE0
Read/Write
R/W
R/W
R/W
R/W
PE3~PE0: Port E output data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com