Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP259-ASFN Datasheet(PDF) 34 Page - Tontek Design Technology

Part # TTP259-ASFN
Description  Preliminary
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP259-ASFN Datasheet(HTML) 34 Page - Tontek Design Technology

Back Button TTP259-ASFN Datasheet HTML 30Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 31Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 32Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 33Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 34Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 35Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 36Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 37Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 38Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 81 page
background image
Preliminary
TTP259
TonTouch
TM
2015/05/25
Page 34 of 81
Ver: 1.1
TCP2H[206H]: TCP2 high nibble data register [R/W], default value [0000]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name TCP2_11/TCP2D11 TCP2_10/TCP2D10 TCP2_9/TCP2D9 TCP2_8/TCP2D8
Read/Write
R/W
R/W
R/W
R/W
TCP2_11~TCP2_8: Reading TCP2 counter high nibble data.
TCP2D11~TCP2D8: Writing TCP2D high nibble of data buffer.
* TCP2D: Like a 12-bit TCP2 data register [R/W], default value [000H]
TCP2D
Bit11
Bit10
Bit9
Bit8
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Bit Name TCP2D11 TCP2D10 TCP2D9 TCP2D8 TCP2D7 TCP2D6 TCP2D5 TCP2D4 TCP2D3 TCP2D2 TCP2D1 TCP2D0
The special R/W function for TCP2 has different Target, AS writing
TCP2H/M/L registers that are updating preload data of the TCP2D. As read
TCP2H/M/L registers that are the brand new TCP2 counter value.
.Timer
When TCPx works as a Timer, user needs give the preload data TCPxD for
periodic interrupt. After initial setting, user starts the TCPx counting by setting.
When 8-bit TCP1 timer/counter:
TCP1EN=1, the TCP1 cycle period is:
Tc = (selected clock cycle) * (256) if TCP1D=00H
Tc = (selected clock cycle) * (TCP1D) otherwise
When 12-bit TCP2 timer/counter:
TCP2EN=1, the TCP2 cycle period is:
Tc = (selected clock cycle) * (4096) if TCP2D=000H
Tc = (selected clock cycle) * (TCP2D) otherwise
When 20-bit timer/counter:
Tc = (selected clock cycle) * (1048576) if TCP1D=00H and TCP2D=000H
Tc = (selected clock cycle) * (TCP2D*256+TCP1D) otherwise
When user writes data to the TCPxH/M/L, the data just keep in TCPxH/M/L
latch. During the TCPxEN=1 command executed, the TCPxH/M/L latch’s
complement value will load into counter TCPxH/M/L as initial value and start the
timer function. Necessary TCPxLD=1, timer run with reload feature as TCPx up
counts and reaches the value of FFH or 255 for TCP1 or value of FFFH or 4095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com