Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP259-ASFN Datasheet(PDF) 32 Page - Tontek Design Technology

Part # TTP259-ASFN
Description  Preliminary
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP259-ASFN Datasheet(HTML) 32 Page - Tontek Design Technology

Back Button TTP259-ASFN Datasheet HTML 28Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 29Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 30Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 31Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 32Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 33Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 34Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 35Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 36Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 81 page
background image
Preliminary
TTP259
TonTouch
TM
2015/05/25
Page 32 of 81
Ver: 1.1
TCP1C[200H]: TCP1 Timer/counter control register [R/W], default value [0000]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
TCP1LD
TCP1S1
TCP1S0
TCP1EN
Read/Write
R/W
R/W
R/W
R/W
TCP1EN: TCP1 counting enable. (0: disable; 1: enable)
TCP1LD: TCP1 auto-reload enable. (0: disable; 1: enable)
TCP1S1~TCP1S0: TCP1 clock source selector.
TCP1S1
TCP1S0
Selected Clock source
0
0
FS
0
1
TCP1I
1
0
TBCK
1
1
TB1OV
Note: TB1OV select 128Hz can not be use for TCP1 clock source, the TCP1 will not
work. Please use other time base select option.
TCP1L[201H]: TCP1 low nibble data register [R/W], default value [0000]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name TCP1_3/TCP1D3 TCP1_2/TCP1D2 TCP1_1/TCP1D1 TCP1_0/TCP1D0
Read/Write
R/W
R/W
R/W
R/W
TCP1_3~TCP1_0: Reading TCP1 counter low nibble data.
TCP1D3~TCP1D0: Writing TCP1D low nibble of data buffer.
TCP1H[202H]: TCP1 high nibble data register [R/W], default value [0000]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name TCP1_7/TCP1D7 TCP1_6/TCP1D6 TCP1_5/TCP1D5 TCP1_4/TCP1D4
Read/Write
R/W
R/W
R/W
R/W
TCP1_7~TCP1_4: Reading TCP1 counter high nibble data.
TCP1D7~TCP1D4: Writing TCP1D high nibble of data buffer.
* TCP1D: Like a 8-bit TCP1 data register [R/W], default value [00H]
TCP1D
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Bit Name TCP1D7 TCP1D6 TCP1D5 TCP1D4 TCP1D3 TCP1D2 TCP1D1 TCP1D0
The special R/W function for TCP1 has different Target, AS writing TCP1H/L
registers that are updating preload data of the TCP1D. As read TCP1H/L
registers that are the brand new TCP1 counter value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com