Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP259-ASFN Datasheet(PDF) 18 Page - Tontek Design Technology

Part # TTP259-ASFN
Description  Preliminary
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP259-ASFN Datasheet(HTML) 18 Page - Tontek Design Technology

Back Button TTP259-ASFN Datasheet HTML 14Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 15Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 16Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 17Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 18Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 19Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 20Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 21Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 22Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 81 page
background image
Preliminary
TTP259
TonTouch
TM
2015/05/25
Page 18 of 81
Ver: 1.1
*
Power saving mode condition and release
Modes
Stop mode
Sleep mode
High speed oscillator
Stopped
Stopped as H/L=0
Keep operating as H/L=1
Low speed oscillator
Stopped
Keep operating
CPU clock
Stopped
Stopped
CPU internal status
Stop and Retain the status
Memory, Flag, Register, IO
Retain the status
Program counter
Hold the next executed address
Peripherals: Time bases,
Timers, Interrupts
Stopped and Retain
Keep operating
Watch Dog Timer
Disable and cleared
Release Condition
Reset, external INT
sources, Input wake-up
Reset, internal and external
INT sources, Input wake-up
S-6: Watch Dog Timer (WDT)
The clock of watch dog timer comes from time base 1st overflow output
(TB1OV).User can use the time up signal to prevent a software malfunction or
abnormal sequence from jumping to an unknown memory location causing a
system fatal failure. Normally, if the watch dog timer time up signal active that
will reset the chip. At the same time, program and hardware can be initialized
and resume system under normal operation. The chip also provides 2 steps
clear watch dog command as the programmer writes INTF with $F data first
that will enable the WDT clear, and then writes CLRWDT register after.
Completely finishes the two write steps will clear the watch dog timer. User
should well arrange the two command steps for avoiding the dead lock loop.
User should keep in minds that always clear the WDT at main
program and never clear the WDT in the interrupt routine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com