Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP259-ASFN Datasheet(PDF) 44 Page - Tontek Design Technology

Part # TTP259-ASFN
Description  Preliminary
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP259-ASFN Datasheet(HTML) 44 Page - Tontek Design Technology

Back Button TTP259-ASFN Datasheet HTML 40Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 41Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 42Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 43Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 44Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 45Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 46Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 47Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 48Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 81 page
background image
Preliminary
TTP259
TonTouch
TM
2015/05/25
Page 44 of 81
Ver: 1.1
IICSTS[223H]: IIC status register [R/W], default value [0001]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
MAASF
MBB
SRWB
TXACK
Read/Write
R/W
R
R
R
TXACK: receive master acknowledge. (0: master don’t send acknowledge;
1: master send acknowledge)
SRWB: IIC slave read or write select. (0: write data to slave; 1: read data
from slave)
MBB: IIC bus busy flag. (0: IIC bus idle; 1: IIC bus busy)
MAASF: IIC slave address match flag. (0: not match; 1: match(must clear
by software))
IICDATL[224H]: IIC data low nibble register [R/W], default value [xxxx]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
DAT3
DAT2
DAT1
DAT0
Read/Write
R/W
R/W
R/W
R/W
DAT3~DAT0: IIC low nibble data.
IICDATH[225H]: IIC data high nibble register [R/W], default value [xxxx]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
DAT7
DAT6
DAT5
DAT4
Read/Write
R/W
R/W
R/W
R/W
DAT7~DAT4: IIC high nibble data.
IICRDATL0[226H]: IIC fast read data low nibble register 0 [R/W], default value [0000]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
RDAT03
RDAT02
RDAT01
RDAT00
Read/Write
R/W
R/W
R/W
R/W
RDAT03~RDAT00: IIC fast read low nibble data 0.
IICRDATH0[227H]: IIC fast read data high nibble register 0 [R/W], default value [0000]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
RDAT07
RDAT06
RDAT05
RDAT04
Read/Write
R/W
R/W
R/W
R/W
RDAT07~RDAT04: IIC fast read high nibble data 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com