Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP259-ASFN Datasheet(PDF) 1 Page - Tontek Design Technology

Part # TTP259-ASFN
Description  Preliminary
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP259-ASFN Datasheet(HTML) 1 Page - Tontek Design Technology

  TTP259-ASFN Datasheet HTML 1Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 2Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 3Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 4Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 5Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 6Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 7Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 8Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 9Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 81 page
background image
Preliminary
TTP259
TonTouch
TM
2015/05/25
Page 1 of 81
Ver: 1.1
§ PATENTEN
1. PATENT :『電流源控制及補償觸控電容感測方法及其裝置』
PAT NO. I339356 (Taiwan)
PAT NO. ZL 2007 1 0202087. 0 (CHINA)
2. PATENT :『具環境變化校正的電容式觸控感測裝置』
PAT NO. M383780 (Taiwan)
PAT NO. ZL 2010 2 0141537. 7 (CHINA)
3. PATENT :『省電型多鍵觸摸開關感測裝置』
PAT NO. M375250 (Taiwan)
PAT NO. ZL 2010 2 0302392. 4 (CHINA)
§ General Description:
TTP259 MCU is an easy-used 4-bit CPU base microcontroller. It
contains 4032-word ROM、384-nibble RAM、time base、timer/counter、
interrupt service、IO control hardware、PWM output、IIC function、LVR and
touch pad feature for specified applications. The device is also suitable for
diverse simple applications in control appliance and consumer product.
§ Features:
1. Tontek RISC 4-bit CPU core
2. Total 26 crucial instructions and two addressing mode
3. Most instructions need 1 word and 1 machine cycle(2 CPU clocks) except
read table instruction(RTB)
4. Advance CMOS process
5. Working memory with 4032*16 program ROM and 384*4 SRAM
6. 4-level stacks
7. Operating voltage: 2.4V~5.5V(LVR=2.2V); 3.3V~5.5V(LVR=3.0V);
2.2V~5.5V(LVR OFF)
8. System operating frequency: (at VDD=5V)
. High speed system oscillator (OSCH)
Built-in RC oscillator: 4MHz(typical)
. Low speed peripheral oscillator (OSCL)
Built-in RC oscillator: 16KHz(typical)
9. Provide 7 IO+16 touch pad or 23 general programmable IO
IO port built-in key wake-up feature enable by software setting
Provide external interrupt inputs
Provide internal signal outputs, like PWM


Similar Part No. - TTP259-ASFN

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
TTP252 TONTEK-TTP252 Datasheet
391Kb / 40P
Target Spec.
TTP255 TONTEK-TTP255 Datasheet
398Kb / 49P
Target Spec.
TTP258 TONTEK-TTP258 Datasheet
317Kb / 44P
Preliminary
TTP258OD-FOBN TONTEK-TTP258OD-FOBN Datasheet
317Kb / 44P
Preliminary
TTP258RD-AOBN TONTEK-TTP258RD-AOBN Datasheet
317Kb / 44P
Preliminary
More results

Similar Description - TTP259-ASFN

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS43A VECTRON-TFS43A Datasheet
68Kb / 5P
Preliminary Specification
TFS85F VECTRON-TFS85F Datasheet
127Kb / 5P
Preliminary specification
logo
Asahi Kasei Microsystem...
AK8998 AKM-AK8998 Datasheet
987Kb / 59P
Preliminary
logo
GOOD-ARK Electronics
SSF5510G GOOD-ARK-SSF5510G_15 Datasheet
482Kb / 4P
Preliminary
SSF5508D GOOD-ARK-SSF5508D_15 Datasheet
826Kb / 6P
Preliminary
logo
Tontek Design Technolog...
TTP258 TONTEK-TTP258 Datasheet
317Kb / 44P
Preliminary
TTR011 TONTEK-TTR011 Datasheet
489Kb / 41P
Preliminary
logo
GOOD-ARK Electronics
SSF5508D GOOD-ARK-SSF5508D Datasheet
826Kb / 6P
Preliminary
SSF5510G GOOD-ARK-SSF5510G Datasheet
482Kb / 4P
Preliminary
logo
Shenzhen TOPWAY Technol...
LMT070DNDFWD TOPWAY-LMT070DNDFWD Datasheet
1Mb / 21P
Preliminary Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com