Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP259-ASFN Datasheet(PDF) 29 Page - Tontek Design Technology

Part # TTP259-ASFN
Description  Preliminary
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP259-ASFN Datasheet(HTML) 29 Page - Tontek Design Technology

Back Button TTP259-ASFN Datasheet HTML 25Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 26Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 27Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 28Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 29Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 30Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 31Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 32Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 33Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 81 page
background image
Preliminary
TTP259
TonTouch
TM
2015/05/25
Page 29 of 81
Ver: 1.1
TBC[20EH]: Time base control register [R/W], default value [1111]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
TB2S
TB1S2
TB1S1
TB1S0
Read/Write
R/W
R/W
R/W
R/W
TB1S2~TB1S0: Time base 1st overflow frequency selector.
TB2S: Time base 2nd overflow frequency selector.
Note: Every time writing the TBRB will clear the time base.
TB1S2 TB1S1 TB1S0
Time Base overflow
frequency (TB1OV)
TB1OV
0
0
0
TBCK/128
128HZ
0
0
1
TBCK/256
64HZ
0
1
0
TBCK/512
32HZ
0
1
1
TBCK/1024
16HZ
1
0
0
TBCK/2048
8HZ
1
0
1
TBCK/4096
4HZ
1
1
0
TBCK/8192
2HZ
1
1
1
TBCK/16384
1HZ
TB2S
Time Base overflow
frequency (TB2OV)
TB2OV
0
TBCK/512
32Hz
1
TBCK/1024
16Hz
Note: TB1OV select 128Hz can not be use for TCP1 clock source, the TCP1 will not
work. Please use other time base select option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com