Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP259-ASFN Datasheet(PDF) 31 Page - Tontek Design Technology

Part # TTP259-ASFN
Description  Preliminary
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP259-ASFN Datasheet(HTML) 31 Page - Tontek Design Technology

Back Button TTP259-ASFN Datasheet HTML 27Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 28Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 29Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 30Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 31Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 32Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 33Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 34Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 35Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 81 page
background image
Preliminary
TTP259
TonTouch
TM
2015/05/25
Page 31 of 81
Ver: 1.1
P-3: 8-bit Timer/Counter for TCP1
One 8-bit timer/counter (TCP1) with 4 kind clock sources and preload
data buffer can implement as a timer or counter feature. The clock sources
of TCP1 are selected by TCP1S1~TCP1S0 of TCP1 control register (TCP1C).
TCP1OV is the timer or counter overflow signal and the rising edge will set
the relative INT flag.
SET 20 BITS COUNTER
INITIAL VALUE
07A12H FOR 128Hz
TCPFS=0
TCP1C=8
TCP2C=F
TCP1L=2
TCP1H=1
TCP2L=A
TCP2M=7
TCP2H=0
WRITE ADJSTAT
TO START
ADJUSTMENT
STX #$1,ACC
STX ADJSTAT
TBADJF=0
END
NO
YES
CLEAR WDT
START
ADJUSTMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com