Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP259-ASFN Datasheet(PDF) 38 Page - Tontek Design Technology

Part # TTP259-ASFN
Description  Preliminary
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP259-ASFN Datasheet(HTML) 38 Page - Tontek Design Technology

Back Button TTP259-ASFN Datasheet HTML 34Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 35Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 36Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 37Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 38Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 39Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 40Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 41Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 42Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 81 page
background image
Preliminary
TTP259
TonTouch
TM
2015/05/25
Page 38 of 81
Ver: 1.1
.PWM
The PWM period generated from TCP2. When PWMxEN (PWMC<0~2>)
enable, and PWMOUT pin (PA0~PA2,PB0~PB2 must be output mode and
select PWM function pin and normal IO by mask option) change to output
mode, PWMx signal will output to PWMOUT pin. If TCP2 is running, set
PWMxEN=1 will not execute until TCP2OV occur.
The duty of PWMx value is store in PWMxL, PWMxM and PWMxH, user
write PWMxH and PWMxM first, last write PWMxL. When write the PWMxL the
12-bit duty value will be load to PWMxD at the same time. PWM’s duty value
cannot bigger than TCP2 pre-load data. If not, PWMOUT is an unexpected
signal.
User can select PWMOUT pin start with 1 or start with 0 by mask option.
When TCP2 enable, timer start increment, if timer/counter value bigger than
PWM’s duty value, PWMOUT will change state. The PWMOUT back to start
state, When TCP2 is overflow.
User does not use PWM in 20-bit timer/counter mode. If not, PWMOUT is
an unexpected signal.
User does not use TCP2D=000H. If not, PWMOUT is an unexpected signal.
PWMC[00EH]: PWM control register [R/W], default value [-000]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
-
PWM2EN
PWM1EN
PWM0EN
Read/Write
-
R/W
R/W
R/W
PWM0EN: PWM0 output enable. (0: disable; 1: enable)
PWM1EN: PWM1 output enable. (0: disable; 1: enable)
PWM2EN: PWM2 output enable. (0: disable; 1: enable)
PWM0L[00FH]: PWM0 duty low nibble data register [R/W], default value [xxxx]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
PWM0D3
PWM0D2
PWM0D1
PWM0D0
Read/Write
R/W
R/W
R/W
R/W
PWM0D3~PWM0D0: PWM0 duty low nibble data.
PWM0M[010H]: PWM0 duty middle nibble data register [R/W], default value [xxxx]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
PWM0D7
PWM0D6
PWM0D5
PWM0D4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com