Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309 Datasheet(PDF) 108 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 108 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 104Page - National Semiconductor (TI) PC87309 Datasheet HTML 105Page - National Semiconductor (TI) PC87309 Datasheet HTML 106Page - National Semiconductor (TI) PC87309 Datasheet HTML 107Page - National Semiconductor (TI) PC87309 Datasheet HTML 108Page - National Semiconductor (TI) PC87309 Datasheet HTML 109Page - National Semiconductor (TI) PC87309 Datasheet HTML 110Page - National Semiconductor (TI) PC87309 Datasheet HTML 111Page - National Semiconductor (TI) PC87309 Datasheet HTML 112Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 192 page
background image
Enhanced Serial Port with IR -UART2 (Logical Device 2)
108
www.national.com
5.11.1
Receiver Data Port (RXD) or the Transmitter
Data Port (TXD)
These ports share the same address.
RXD is accessed during CPU read cycles. It is used to read
data from the Receiver Holding Register when the FIFOs
are disabled, or from the bottom of the RX_FIFO when the
FIFOs are enabled.
Receiver Data Port (RXD)
Bits 7-0 - Received Data
Used to access the Receiver Holding Register when the
FIFOs are disabled, or the bottom of the RX_FIFO when
the FIFOs are enabled.
TXD is accessed during CPU write cycles. It is used to write
data to the Transmitter Holding Register when the FIFOs
are disabled, or to the TX_FIFO when the FIFOs are en-
abled.
DMA cycles always access the TXD and RXD ports, regard-
less of the selected bank.
Transmitter Data Port (TXD)
Bits 7-0 - Transmitted Data
Used to access the Transmitter Holding Register when
the FIFOs are disabled or the top of TX_FIFO when the
FIFOs are enabled.
5.11.2
Interrupt Enable Register (IER)
This register controls the enabling of various interrupts.
Some interrupts are common to all operating modes of the
module, while others are mode specific. Bits 4 to 7 can be
set in Extended mode only. They are cleared in Non-Ex-
tended mode. The bits of the Interrupt Enable Register
(IER) are defined differently, depending on the operating
mode of the module.
The different modes can be divided into the following four
groups:
q
Non-Extended (which includes UART, Sharp-IR and
SIR).
q
UART and Sharp-IR in Extended mode.
q
SIR in Extended mode.
q
Consumer-IR.
The following sections describe the bits in this register for
each of these modes.
The reset mode for the IER is the Non-Extended UART
mode.
When edge-sensitive interrupt triggers are employed, user is
advised to clear all IER bits immediately upon entering the in-
terrupt service routine and to re-enable them prior to exiting
(or alternatively, to disable CPU interrupts and re-enable pri-
or to exiting). This will guarantee proper interrupt triggering in
the interrupt controller in case one or more interrupt events
occur during execution of the interrupt routine.
If the LSR, MSR or EIR registers are to be polled, interrupt
sources which are identified by self-clearing bits should
have their corresponding IER bits set to 0, to prevent spuri-
ous pulses on the interrupt output pin.
If an interrupt source must be disabled, the CPU can do so
by clearing the corresponding bit in the IER register. How-
ever, if an interrupt event occurs just before the correspond-
ing enable bit in the IER register is cleared, a spurious
interrupt may be generated. To avoid this problem, the
clearing of any IER bit should be done during execution of
the interrupt service routine. If the interrupt controller is pro-
grammed for level-sensitive interrupts, the clearing of IER
bits can also be performed outside the interrupt service rou-
tine, but with the CPU interrupt disabled.
Interrupt Enable Register (IER), in the Non-Extended
Modes (UART, SIR and Sharp-IR)
Upon reset, the IER supports UART, SIR and Sharp-IR in
the Non-Extended modes. See the bitmap of the Interrupt
Enable Register in these modes.
Bit 0 - Receiver High-Data-Level Interrupt Enable
(RXHDL_IE)
Setting this bit enables interrupts on Receiver High-
Data-Level, or RX_FIFO Time-Out events (EIR Bits 3-0
are 0100 or 1100. See Table 5-3 on page 110).
76543210
Reset
Required
Receiver Data
Port (RXD)
Bank 0,
Received Data
Offset 00h
76543210
Reset
Required
Transmitter Data
Port (TXD)
Bank 0,
Transmitted Data
Offset 00h
76543210
Reset
Required
0
0
0
0
0
0
0
0
MS_IE
Reserved
Interrupt Enable
RXHDL_IE
TXLDL_IE
LS_IE
Register (IER)
Bank 0,
IER in Non-Extended Modes
Offset 01h
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com