Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309 Datasheet(PDF) 110 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 110 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 106Page - National Semiconductor (TI) PC87309 Datasheet HTML 107Page - National Semiconductor (TI) PC87309 Datasheet HTML 108Page - National Semiconductor (TI) PC87309 Datasheet HTML 109Page - National Semiconductor (TI) PC87309 Datasheet HTML 110Page - National Semiconductor (TI) PC87309 Datasheet HTML 111Page - National Semiconductor (TI) PC87309 Datasheet HTML 112Page - National Semiconductor (TI) PC87309 Datasheet HTML 113Page - National Semiconductor (TI) PC87309 Datasheet HTML 114Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 192 page
background image
Enhanced Serial Port with IR -UART2 (Logical Device 2)
110
www.national.com
Bit 2 - Link Status Interrupt Enable (LS_IE) or TX_FIFO
Underrun Interrupt Enable (TXUR_IE)
On reception, Setting this bit enables Link Status Interrupts.
On transmission, Setting this bit enables TX_FIFO un-
derrun interrupts.
0: Disable Link Status and TX_FIFO underrun inter-
rupts (Default)
1: Enable Link Status and TX_FIFO underrun interrupts.
Bit 7-3 - Same as in the Extended Modes of UART and
Sharp-IR (See the section “Interrupt Enable Register (IER),
in the Extended Modes of UART, Sharp-IR and SIR” on
page 109).
5.11.3
Event Identification Register (EIR)
The Event Identification Register (EIR) and the FIFO
Control Register (FCR) (see next register description)
share the same address. The EIR is accessed during CPU
read cycles while the FCR is accessed during CPU write cy-
cles.The Event Identification Register (EIR) indicates the in-
terrupt source. The function of this register changes
according to the selected mode of operation.
Event Identification Register (EIR), Non-Extended Mode
When Extended mode is not selected (EXT_SL bit in
EXCR1 register is set to 0), this register is the same as in
the 16550.
In a Non-Extended UART mode, this module prioritizes in-
terrupts into four levels. The EIR indicates the highest level
of interrupt that is pending. The encoding of these interrupts
is shown in Table 5-3 on page 110.
Bit 0 - Interrupt Pending Flag (IPF)
0: There is an interrupt pending.
1: No interrupt pending. (Default)
Bits 2,1 - Interrupt Priority 1,0 (IPR1,0)
When bit 0 (IPF) is 0, these bits indicate the pending in-
terrupt with the highest priority. See Table 5-3 on page
110.
Default value is 00.
Bit 3 - RX_FIFO Time-Out (RXFT)
In the 16450 mode, this bit is always 0. In the 16550
mode (FIFOs enabled), this bit is set to 1 when an
RX_FIFO read time-out occurred and the associated in-
terrupt is currently the highest priority pending interrupt.
Bits 5,4 - Reserved
Read/Write 0.
Bit 7,6 - FIFOs Enabled (FEN1,0)
0: No FIFO enabled. (Default)
1: FIFOs are enabled (bit 0 of FCR is set to 1).
TABLE 5-3. Non-Extended Mode Interrupt Priorities
76543210
Reset
Required
1
0
0
0
0
0
0
0
0
0
Non-Extended Modes, Read Cycles
IPR1 - Interrupt Priority 1
Reserved
Reserved
FEN0 - FIFOs Enabled
FEN1 - FIFOs Enabled
Event Identification
IPF - Interrupt Pending
IPR0 - Interrupt Priority 0
RXFT - RX_FIFO Time-Out
Bank 0,
Register (EIR)
Offset 02h
EIR Bits
3 2 1 0
Interrupt Set and Reset Functions
Priority
Level
Interrupt Type
Interrupt Source
Interrupt Reset Control
0 0 0 1
−
None
None
−
0 1 1 0
Highest
Link Status
Parity error, framing error, data overrun
or break event
Read Link Status Register (LSR).
0 1 0 0
Second
Receiver High
Data Level
Event
Receiver Holding Register (RXD) full, or
RX_FIFO level equal to or above
threshold.
Reading the RXD or, RX_FIFO level
drops below threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com