Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309 Datasheet(PDF) 113 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 113 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 109Page - National Semiconductor (TI) PC87309 Datasheet HTML 110Page - National Semiconductor (TI) PC87309 Datasheet HTML 111Page - National Semiconductor (TI) PC87309 Datasheet HTML 112Page - National Semiconductor (TI) PC87309 Datasheet HTML 113Page - National Semiconductor (TI) PC87309 Datasheet HTML 114Page - National Semiconductor (TI) PC87309 Datasheet HTML 115Page - National Semiconductor (TI) PC87309 Datasheet HTML 116Page - National Semiconductor (TI) PC87309 Datasheet HTML 117Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 192 page
background image
Enhanced Serial Port with IR -UART2 (Logical Device 2)
113
www.national.com
TABLE 5-7. Word Length Select Encoding
Bits 2 - Number of Stop Bits (STB)
This bit specifies the number of stop bits transmitted
with each serial character.
0: One stop bit is generated. (Default)
1: If the data length is set to 5-bits via bits 1,0
(WLS1,0), 1.5 stop bits are generated. For 6, 7 or 8
bit word lengths, two stop bits are transmitted. The
receiver checks for one stop bit only, regardless of
the number of stop bits selected.
Bit 3 - Parity Enable (PEN)
This bit enable the parity bit See Table 5-8 on page 113.
The parity enable bit is used to produce an even or odd
number of 1s when the data bits and parity bit are
summed, as an error detection device.
0: No parity bit is used. (Default)
1: A parity bit is generated by the transmitter and
checked by the receiver.
Bit 4 - Even Parity Select (EPS)
When Parity is enabled (PEN is 1), this bit, together with
bit 5 (STKP), controls the parity bit as shown in Table
5-8.
0: If parity is enabled, an odd number of logic 1s are
transmitted or checked in the data word bits and
parity bit. (Default)
1: If parity is enabled, an even number of logic 1s are
transmitted or checked.
Bit 5 - Stick Parity (STKP)
When Parity is enabled (PEN is 1), this bit, together with
bit 4 (EPS), controls the parity bit as show in Table 5-8.
TABLE 5-8. Bit Settings for Parity Control
Bit 6 - Set Break (SBRK)
This bit enables or disables a break. During the break,
the transmitter can be used as a character timer to ac-
curately establish the break duration.
This bit acts only on the transmitter front-end and has no
effect on the rest of the transmitter logic.
When set to 1 the following occurs:
— If a UART mode is selected, the SOUT pin is forced
to a logic 0 state.
— If SIR mode is selected, pulses are issued continu-
ously on the IRTX pin.
— If Sharp-IR mode is selected and internal modula-
tion is enabled, pulses are issued continuously on
the IRTX pin.
— If Sharp-IR mode is selected and internal modula-
tion is disabled, the IRTX pin is forced to a logic 1
state.
To avoid transmission of erroneous characters as a re-
sult of the break, use the following procedure to set
SBRK:
1. Wait for the transmitter to be empty. (TXEMP = 1).
2. Set SBRK to 1.
3. Wait for the transmitter to be empty, and clear SBRK
when normal transmission must be restored.
Bit 7 - Bank Select Enable (BKSE)
0: This register functions as the Link Control Register
(LCR).
1: This register functions as the Bank Select Register
(BSR).
5.11.6
Bank Selection Register (BSR)
The Bank Selection Register (BSR) selects which register
bank is to be accessed next.
About accessing this register see the description of bit 7 of
the LCR Register.
Bits 6-0 - Bank Selection
When bit 7 is set to 1, bits 6-0 of BSR select the bank,
as shown in Table 5-9.
Bit 7 - Bank Selection Enable (BKSE)
0: Bank 0 is selected.
1: Bits 6-0 specify the selected bank.
WLS1
WLS0
Character Length
0
0
5 (Default)
01
6
10
7
11
8
PEN
EPS
STKP
Selected Parity Bit
0
x
x
None
1
0
0
Odd
110
Even
1
0
1
Logic 1
1
1
1
Logic 0
76543210
Reset
Required
0
0
0
0
0
0
0
0
Bank Selection
All Banks,
Register (BSR)
Offset 03h
Bank Selection
BKSE-Bank Selection Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com