Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309 Datasheet(PDF) 116 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 116 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 112Page - National Semiconductor (TI) PC87309 Datasheet HTML 113Page - National Semiconductor (TI) PC87309 Datasheet HTML 114Page - National Semiconductor (TI) PC87309 Datasheet HTML 115Page - National Semiconductor (TI) PC87309 Datasheet HTML 116Page - National Semiconductor (TI) PC87309 Datasheet HTML 117Page - National Semiconductor (TI) PC87309 Datasheet HTML 118Page - National Semiconductor (TI) PC87309 Datasheet HTML 119Page - National Semiconductor (TI) PC87309 Datasheet HTML 120Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 192 page
background image
Enhanced Serial Port with IR -UART2 (Logical Device 2)
116
www.national.com
If the bit following the erroneous stop bit is 0, the receiv-
er assumes it to be a valid start bit and shifts in the new
character. If that bit is a 1, the receiver enters the idle
state and awaits the next start bit.
This bit is cleared upon read.
Bit 4 - Break Event Detected (BRK)
In UART, Sharp-IR and SIR modes this bit is set to 1
when a break event is detected (i.e. when a sequence
of logic 0 bits, equal or longer than a full character trans-
mission, is received). If the FIFOs are enabled, the
break condition is associated with the particular charac-
ter in the RX_FIFO to which it applies. In this case, the
BRK bit is set when the character reaches the bottom of
the RX_FIFO.
When a break event occurs, only one zero character is
transferred to the Receiver Holding Register or to the
RX_FIFO.
The next character transfer takes place after at least
one logic 1 bit is received followed by a valid start bit.
This bit is cleared upon read.
Bit 5 - Transmitter Ready (TXRDY)
This bit is set to 1 when the Transmitter Holding Regis-
ter or the TX_FIFO is empty.
It is cleared when a data character is written to the TXD
register.
Bit 6 - Transmitter Empty (TXEMP)
This bit is set to 1 when the Transmitter Holding Regis-
ter or the TX_FIFO is empty, and the transmitter front-
end is idle.
Bit 7 - Error in RX_FIFO (ER_INF)
In UART, Sharp-IR and SIR modes, this bit is set to a 1
if there is at least 1 framing error, parity error or break
indication in the RX_FIFO.
This bit is always 0 in the 16450 mode.
This bit is cleared upon read.
5.11.9
Modem Status Register (MSR)
The function of this register depends on the selected oper-
ational mode. When a UART mode is selected, this register
provides the current-state as well as state-change informa-
tion of the status lines from the modem or data transmission
module.
When any of the infrared modes is selected, the register
function is controlled by the setting of the IRMSSL bit in the
IRCR2 (see page 124). If IRMSSL is 0, the MSR register
works as in UART mode. If IRMSSL is 1, the MSR register
returns the value 30 hex, regardless of the state of the mo-
dem input lines.
When loopback is enabled, the MSR register works similar-
ly except that its status input signals are internally driven by
appropriate bits in the MCR register since the modem input
lines are internally disconnected. Refer to at the MCR (see
page 114) and to the LOOP & ETDLBK bits at the EXCR1
(see page 120) for more information.
A description of the various bits of the MSR register, with
Loopback disabled and UART Mode selected, is provided
below.
When bits 0, 1, 2 or 3 is set to 1, a Modem Status Event
(MS_EV) is generated if the MS_IE bit is enabled in the IER
Bits 0 to 3 are set to 0 as a result of any of the following
events:
q
A hardware reset occurs.
q
The operational mode is changed and the IRMSSL bit
is 0.
q
The MSR register is read.
In the reset state, bits 4 through 7 are indeterminate as they
reflect their corresponding input signals.
Note: The modem status lines can be used as general
purpose inputs. They have no effect on the trans-
mitter or receiver operation.
Bit 0 - Delta Clear to Send (DCTS)
Set to 1, when the CTS input signal changes state.
This bit is cleared upon read.
Bit 1 - Delta Data Set Ready (DDSR)
Set to 1, when the DSR input signal changes state.
This bit is cleared upon read
Bit 2 - Trailing Edge Ring Indicate (TERI)
Set to 1, when the RI input signal changes state from
low to high.
This bit is cleared upon read
Bit 3 - Delta Data Carrier Detect (DDCD)
Set to 1, when the DCD input signal changes state.
1: DCD signal state changed.
Bit 4 - Clear To Send (CTS)
This bit returns the inverse of the CTS input signal.
Bit 5 - Data Set Ready (DSR)
This bit returns the inverse of the DSR input signal.
Bit 6 - Ring Indicate (RI)
This bit returns the inverse of the RI input signal.
Bit 7 - Data Carrier Detect (DCD)
This bit returns the inverse of the DCD input signal.
76543210
Reset
Required
0
0
0
0
X
X
X
X
Modem Status
Register (MSR)
Bank 0,
TERI
CTS
DSR
RI
DCD
DCTS
DDSR
DDCD
Offset 06h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com