Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309 Datasheet(PDF) 115 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 115 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 111Page - National Semiconductor (TI) PC87309 Datasheet HTML 112Page - National Semiconductor (TI) PC87309 Datasheet HTML 113Page - National Semiconductor (TI) PC87309 Datasheet HTML 114Page - National Semiconductor (TI) PC87309 Datasheet HTML 115Page - National Semiconductor (TI) PC87309 Datasheet HTML 116Page - National Semiconductor (TI) PC87309 Datasheet HTML 117Page - National Semiconductor (TI) PC87309 Datasheet HTML 118Page - National Semiconductor (TI) PC87309 Datasheet HTML 119Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 192 page
background image
Enhanced Serial Port with IR -UART2 (Logical Device 2)
115
www.national.com
Bit 3 - Transmission Deferral (TX_DFR)
For a detailed description of the Transmission Deferral
see “Transmission Deferral” on page 107.
0: No transmission deferral enabled. (Default)
1: Transmission deferral enabled.
This bit is effective only if the Transmission FIFOs is en-
abled.
Bit 4 - Reserved
Read/Write 0.
Bits 7-5 - Mode Select (MDSL2-0)
These bits select the operational mode of the module
when in Extended mode, as shown in Table 5-10.
When the mode is changed, the transmission and re-
ception FIFOs are flushed, Link Status and Modem Sta-
tus Interrupts are cleared, and all of the bits in the
auxiliary status and control register are cleared.
TABLE 5-10. The Module Operation Modes
5.11.8
Link Status Register (LSR)
This register provides status information concerning the
data transfer. They are cleared when one of the following
events occurs:
q
.
q
The receiver is soft-reset.
q
The LSR register is read.
Upon reset this register assumes the value of 0x60h.
The bit definitions change depending upon the operation
mode of the module.
Bits 4 through 1 of the LSR are the error conditions that gen-
erate a Receiver Link Status interrupt whenever any of the
corresponding conditions are detected and that interrupt is
enabled.
The LSR is intended for read operations only. Writing to the
LSR is not permitted
Bit 0 - Receiver Data Available (RXDA)
Set to 1 when the Receiver Holding Register is full.
If the FIFOs are enabled, this bit is set when at least one
character is in the RX_FIFO.
Cleared when the CPU reads all the data in the Holding
Register or in the RX_FIFO.
Bit 1 - Overrun Error (OE)
This bit is set to 1 as soon as an overrun condition is de-
tected by the receiver.
Cleared upon read.
With FIFOs Disabled:
An overrun occurs when a new character is completely
received into the receiver front-end section and the CPU
has not yet read the previous character in the receiver
holding register. The new character is discarded, and
the receiver holding register is not affected.
With FIFOs Enabled:
An overrun occurs when a new character is completely
received into the receiver front-end section and the
RX_FIFO is full. The new character is discarded, and
the RX_FIFO is not affected.
Bit 2 - Parity Error (PE)
In UART, Sharp-IR and SIR modes, this bit is set to 1 if
the received data character does not have the correct
parity, even or odd as selected by the parity control bits
of the LCR register.
If the FIFOs are enabled, this error is associated with
the particular character in the FIFO that it applies to.
This error is revealed to the CPU when its associated
character is at the bottom of the RX_FIFO.
This bit is cleared upon read.
Bit 3 - Framing Error (FE)
In UART, Sharp-IR and SIR modes, this bit is set to 1
when the received data character does not have a valid
stop bit (i.e., the stop bit following the last data bit or par-
ity bit is a 0).
If the FIFOs are enabled, this Framing Error is associat-
ed with the particular character in the FIFO that it ap-
plies to. This error is revealed to the CPU when its
associated character is at the bottom of the RX_FIFO.
After a framing error is detected, the receiver will try to
resynchronize.
MDSL2
(Bit 7)
MDSL1
(Bit 6)
MDSL0
(Bit 5)
Operational Mode
0
0
0
UART mode (Default)
0
0
1
Reserved
0
1
0
Sharp-IR
011
SIR
1
0
0
Reserved
1
0
1
Reserved
1
1
0
Consumer-IR
1
1
1
Reserved
76543210
Reset
Required
0
0
0
0
0
1
1
0
Link Status
Register (LSR)
Bank 0,
PE
BRK
TXRDY
TXEMP
ER_INF
RXDA
OE
FE
Offset 05h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com