Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1600 Datasheet(PDF) 52 Page - STMicroelectronics

Part # STUSB1600
Description  Power hubs and docking stations
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1600 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STUSB1600 Datasheet HTML 48Page - STMicroelectronics STUSB1600 Datasheet HTML 49Page - STMicroelectronics STUSB1600 Datasheet HTML 50Page - STMicroelectronics STUSB1600 Datasheet HTML 51Page - STMicroelectronics STUSB1600 Datasheet HTML 52Page - STMicroelectronics STUSB1600 Datasheet HTML 53Page - STMicroelectronics STUSB1600 Datasheet HTML 54Page - STMicroelectronics STUSB1600 Datasheet HTML 55Page - STMicroelectronics STUSB1600 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 69 page
background image
Application
STUSB1600
52/69
DocID028937 Rev 1
Device state according to connection state
Table 43. Sink power role with accessory support
Connection
state
CC1
pin
CC2
pin
Type-C
device state
CC_OPERATION_STATUS
register @11h
A_B_SIDE
pin
VCONN
supply
VBUS_EN_SNK
pin
CC_CONNECTION_STATUS
register @0Eh
Nothing
attached
Open Open
(Toggling)
Unattached.SNK
Unattached.Accessory
HiZ
OFF
HiZ
00h
Source
attached
Rp
Open
or Ra
Attached.SNK
HiZ
OFF
0
41h
Open
or Ra
Rp
0
OFF
0
41h
Powered
cable
without
source
attached
Open
Ra
(Toggling)
Unattached.SNK
Unattached.Accessory
HiZ
OFF
HiZ
00h
Ra
Open
HiZ
OFF
HiZ
00h
Debug
accessory
mode
attached
sink role
Rd
Rd
(Toggling)
Unattached.SNK
Unattached.Accessory
HiZ
OFF
HiZ
00h
Debug
accessory
mode
attached
source role
Rp
Def/
1.5A/
3A
Rp
Def/
1.5A/
3A
Debug
Accessory.SNK
(Default USB)
HiZ
OFF
0
61h
Debug
accessory
mode
attached
source role
Rp
3A
Rp
1.5A
Debug
Accessory.SNK
(Default USB)
HiZ
OFF
0
61h
Rp
1.5A
Rp
3A
0
OFF
0
61h
Debug
accessory
mode
attached
source role
Rp
1.5A
Rp
def.
Debug
Accessory.SNK
(1.5 A)
HiZ
OFF
0
61h
Rp
def.
Rp
1.5A
0
OFF
0
61h
Debug
accessory
mode
attached
source role
Rp
3A
Rp
def.
Debug
Accessory.SNK
(3.0 A)
HiZ
OFF
0
61h
Rp
def.
Rp
3A
0
OFF
0
61h
Audio
adapter
accessory
mode
attached
Ra
Ra
Audio accessory
HiZ
OFF
HiZ
81h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com