Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1600 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STUSB1600
Description  Power hubs and docking stations
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1600 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STUSB1600 Datasheet HTML 31Page - STMicroelectronics STUSB1600 Datasheet HTML 32Page - STMicroelectronics STUSB1600 Datasheet HTML 33Page - STMicroelectronics STUSB1600 Datasheet HTML 34Page - STMicroelectronics STUSB1600 Datasheet HTML 35Page - STMicroelectronics STUSB1600 Datasheet HTML 36Page - STMicroelectronics STUSB1600 Datasheet HTML 37Page - STMicroelectronics STUSB1600 Datasheet HTML 38Page - STMicroelectronics STUSB1600 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 69 page
background image
DocID028937 Rev 1
35/69
STUSB1600
I2C register map
69
5.1.9
HW_FAULT_STATUS
Address: 13h
Access: RO
Note: this register provides information on hardware fault conditions related to the internal
pull-up voltage in source power role and to the VCONN power switches.
The VPU_VALID and VPU_OVP_FAULT bits are related to the internal pull-up voltage
applied on the CC pins when the device is operating in source power role. They give
information on an internal supply issue that could prevent the device to detect a valid
connection to a distant device.
Table 26. HW_FAULT_STATUS register
Bit
Field Name
Reset
Description
7
VPU_OVP_FAULT
0b
0b: voltage on CC pins is below OVP threshold of
6.0 V
1b: voltage on CC pins is above OVP threshold of
6.0 V
6
VPU_VALID
1b
0b: pull-up voltage on CC pins is below UVLO
threshold of 2.8 V
1b: pull-up voltage on CC pins is above UVLO
threshold of 2.8 V (safe condition)
5
VCONN_SW_RVP_FAULT_CC1
0b
0b: no reverse voltage on VCONN power switch
connected to CC1
1b: reverse voltage detected on VCONN power
switch connected to CC1
4
VCONN_SW_RVP_FAULT_CC2
0b
0b: no reverse voltage on VCONN power switch
connected to CC2
1b: reverse voltage detected on VCONN power
switch connected to CC2
3
VCONN_SW_OCP_FAULT_CC1
0b
0b: no short circuit or overcurrent on VCONN
power switch connected to CC1
1b: short circuit or overcurrent detected on VCONN
power switch connected to CC1
2
VCONN_SW_OCP_FAULT_CC2
0b
0b: no short circuit or overcurrent on VCONN
power switch connected to CC2
1b: short circuit or overcurrent detected on VCONN
power switch connected to CC2
1
VCONN_SW_OVP_FAULT_CC1
0b
0b: no overvoltage on VCONN power switch
connected to CC1
1b: overvoltage detected on VCONN power switch
connected to CC1
0
VCONN_SW_OVP_FAULT_CC2
0b
0b: no overvoltage on VCONN power switch
connected to CC2
1b: overvoltage detected on VCONN power switch
connected to CC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com