Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1600 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STUSB1600
Description  Power hubs and docking stations
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1600 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STUSB1600 Datasheet HTML 20Page - STMicroelectronics STUSB1600 Datasheet HTML 21Page - STMicroelectronics STUSB1600 Datasheet HTML 22Page - STMicroelectronics STUSB1600 Datasheet HTML 23Page - STMicroelectronics STUSB1600 Datasheet HTML 24Page - STMicroelectronics STUSB1600 Datasheet HTML 25Page - STMicroelectronics STUSB1600 Datasheet HTML 26Page - STMicroelectronics STUSB1600 Datasheet HTML 27Page - STMicroelectronics STUSB1600 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 69 page
background image
I2C interface
STUSB1600
24/69
DocID028937 Rev 1
4
I2C interface
4.1
Read and write operations
The I²C interface is used to configure, control and read the operation status of the device. It
is compatible with the Philips I²C Bus® (version 2.1). The I²C is a slave serial interface
based on two signals:
SCL - Serial clock line: input clock used to shift data
SDA - Serial data line: input/output bidirectional data transfers
A filter rejects the potential spikes on the bus data line to preserve data integrity.
The bidirectional data line supports transfers up to 400 Kbit/s (fast mode). The data are
shifted to and from the chip on the SDA line, MSB first.
The first bit must be high (START) followed by the 7-bit device address and the read/write
control bit.
Two 7-bit device address are available for STUSB1600 thanks to external programming of
DevADDR0 through ADDR0 pin setting, i.e. 0x28 or 0x29. It allows two STUSB1600
devices to be connected on the same I2C bus.
Figure 4. Read operation
Table 12. Device address format
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
DevADDR6 DevADDR5 DevADDR4 DevADDR3 DevADDR2 DevADDR1 DevADDR0
R/W
0101
00
ADDR0
0/1
Table 13. Register address format
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
RegADDR7 RegADDR6 RegADDR5 RegADDR4 RegADDR3 RegADDR2 RegADDR1 RegADDR0
Table 14. Register data format
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com