Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1600 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STUSB1600
Description  Power hubs and docking stations
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1600 Datasheet(HTML) 1 Page - STMicroelectronics

  STUSB1600 Datasheet HTML 1Page - STMicroelectronics STUSB1600 Datasheet HTML 2Page - STMicroelectronics STUSB1600 Datasheet HTML 3Page - STMicroelectronics STUSB1600 Datasheet HTML 4Page - STMicroelectronics STUSB1600 Datasheet HTML 5Page - STMicroelectronics STUSB1600 Datasheet HTML 6Page - STMicroelectronics STUSB1600 Datasheet HTML 7Page - STMicroelectronics STUSB1600 Datasheet HTML 8Page - STMicroelectronics STUSB1600 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
This is information on a product in full production.
November 2016
DocID028937 Rev 1
1/69
STUSB1600
USB Type-CTM controller with VCONN switch
Datasheet
- production data
Features
• Type-C attach and cable orientation detection
• Power role support: source/sink/DRP
• Configurable start-up profiles
• Integrated power switch for VCONN supply:
– programmable current limit up to 600 mA
– overcurrent, overvoltage, and thermal
protection
– undervoltage lockout
• I2C interface and interrupt (optional connection
to MCU)
• Integrated VBUS voltage monitoring
• Integrated VBUS and VCONN discharge path
• Low power standby mode
• Dead battery mode support
• High voltage protection
• Accessory mode support
• Dual power supply:
–VSYS = [3.0 V; 5.5 V]
–VDD = [4.1 V; 22 V]
• Temperature range: -40 °C up to 105 °C
Applications
Smart plugs, wall adapters, and chargers
Power hubs and docking stations
Smartphones and tablets
Gaming and PNDs
Displays
Wearable and Internet of Things (IoT)
Cameras, camcorders, and MP3 players
Any Type-C source or sink device
Description
The STUSB1600 is a generic IC designed in a
20 V technology. It addresses USB Type-C™ port
management both on the host and/or device side,
and is suited for a broad range of applications. It is
fully compliant with the USB Type-C cable and
connector specifications (Rel. 1.2).
The STUSB1600 can handle all functions from
Type-C attach detection, plug orientation
detection, host to device connection, VCONN
support, and VBUS configuration.
Additionally, the STUSB1600 provides support for
dead battery operation and is fully customizable
(thanks to an integrated non-volatile memory).
Table 1. Device summary table
Order code
Description
Package
Marking
STUSB1600QTR
USB Type-C™ controller
QFN24 EP 4x4 mm
USB0X
www.st.com


Similar Part No. - STUSB1600

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STUSB1602 STMICROELECTRONICS-STUSB1602 Datasheet
1Mb / 55P
Power hubs and docking stations
05-Apr-2017
STUSB1602 STMICROELECTRONICS-STUSB1602 Datasheet
614Kb / 39P
USB Type-C™ controller with TX/RX line driver and BMC
rev 2.0
STUSB1602 STMICROELECTRONICS-STUSB1602_V01 Datasheet
614Kb / 39P
USB Type-C™ controller with TX/RX line driver and BMC
rev 2.0
More results

Similar Description - STUSB1600

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87382 NSC-PC87382 Datasheet
846Kb / 72P
LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
logo
SMSC Corporation
LPC47N237 SMSC-LPC47N237 Datasheet
686Kb / 138P
3.3V I/O CONTROLLER FOR PORT REPLICATORS AND DOCKING STATIONS
LPC47N237 SMSC-LPC47N237_07 Datasheet
100Kb / 5P
3.3v I/O Controller for Port Replicators and Docking Stations
logo
Pulse A Technitrol Comp...
23Z108SM PULSE-23Z108SM Datasheet
740Kb / 10P
For Adapter Cards, MAUs, Hubs, and Motherboard Applications
logo
Laird Tech Smart Techno...
S24493TS LSTD-S24493TS Datasheet
689Kb / 2P
Bus terminals and train stations
logo
STMicroelectronics
STUSB1602 STMICROELECTRONICS-STUSB1602 Datasheet
1Mb / 55P
Power hubs and docking stations
05-Apr-2017
logo
SHANGHAI BELLING CO., L...
BL2553 BELLING-BL2553_14 Datasheet
474Kb / 9P
USB ports/Hubs
logo
Moxa Inc.
204 MOXA-204 Datasheet
611Kb / 3P
4 and 7-port entry-level USB hubs
404 MOXA-404 Datasheet
703Kb / 4P
4 and 7-port industrial-grade USB hubs
logo
Coolgear Inc.
12VDC2A-B COOLGEAR-12VDC2A-B Datasheet
185Kb / 2P
12v 2A Power supply for Coolgear hubs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com