Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1600 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STUSB1600
Description  Power hubs and docking stations
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1600 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STUSB1600 Datasheet HTML 35Page - STMicroelectronics STUSB1600 Datasheet HTML 36Page - STMicroelectronics STUSB1600 Datasheet HTML 37Page - STMicroelectronics STUSB1600 Datasheet HTML 38Page - STMicroelectronics STUSB1600 Datasheet HTML 39Page - STMicroelectronics STUSB1600 Datasheet HTML 40Page - STMicroelectronics STUSB1600 Datasheet HTML 41Page - STMicroelectronics STUSB1600 Datasheet HTML 42Page - STMicroelectronics STUSB1600 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
DocID028937 Rev 1
39/69
STUSB1600
I2C register map
69
5.1.15
VBUS_DISCHARGE_TIME_CTRL
Address: 25h
Access: R/W
Note: this register contains the parameter used to define the VBUS discharge time when the
internal VBUS discharge path is activated on the VBUS_SENSE pin.
5.1.16
VBUS_DISCHARGE_STATUS
Address: 26h
Access: RO
Note: this register gives information, during operation, on the activation state of the internal
VBUS discharge path on the VBUS_SENSE pin.
5.1.17
VBUS_ENABLE_STATUS
Address: 27h
Access: R0
Note: this register gives information, during operation, on the activation state of the VBUS
power path through VBUS_EN_SRC pin in source power role and VBUS_EN_SNK pin in
sink power role.
Table 32. VBUS_DISCHARGE_TIME_CTRL register
Bit
Field name
Reset
Description
7:4
VBUS_DISCHARGE_TIME_TO_0V
1010b
(NVM)
Binary coded TDISPARAM coefficient used to
compute the VBUS discharge time to 0 V:
84 ms (typical) * TDISPARAM
840 ms is the default discharge time
3:0
Reserved
1111b
Do not use
Table 33. VBUS_DISCHARGE_STATUS register
Bit
Field name
Reset
Description
7
VBUS_DISCHARGE_EN
0b
0b: VBUS discharge path is deactivated
1b: VBUS discharge path is activated
6:1
Reserved
0000000b
Do not use
Table 34. VBUS_ENABLE_STATUS register
Bit
Field name
Reset
Description
7:2
Reserved
0b
Do not use
1
VBUS_SINK_EN
0b
0b: VBUS sink power path is disabled
1b: VBUS sink power path is enabled
0
VBUS_SOURCE_EN
0b
0b: VBUS source power path is disabled
1b: VBUS source power path is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com