Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1600 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STUSB1600
Description  Power hubs and docking stations
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1600 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STUSB1600 Datasheet HTML 23Page - STMicroelectronics STUSB1600 Datasheet HTML 24Page - STMicroelectronics STUSB1600 Datasheet HTML 25Page - STMicroelectronics STUSB1600 Datasheet HTML 26Page - STMicroelectronics STUSB1600 Datasheet HTML 27Page - STMicroelectronics STUSB1600 Datasheet HTML 28Page - STMicroelectronics STUSB1600 Datasheet HTML 29Page - STMicroelectronics STUSB1600 Datasheet HTML 30Page - STMicroelectronics STUSB1600 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 69 page
background image
DocID028937 Rev 1
27/69
STUSB1600
I2C register map
69
5
I2C register map
Table 16. Register access legend
Access code
Expanded name
Description
RO
Read only
Register can be read only
R/W
Read/write
Register can be read or written
RC
Read and clear
Register can be read and is cleared after it is read
Table 17. STUSB1600 register map overview
Address
Register name
Access
Description
00h to
0Ah
Reserved
RO
Do not use
0Bh
ALERT_STATUS
RC
Alerts register linked to transition registers
0Ch
ALERT_STATUS_MASK_CTRL
R/W
Allows the interrupt mask on the
ALERT_STATUS register to be changed
0Dh
CC_CONNECTION_STATUS_
TRANS
RC
Alerts about transition in
CC_CONNECTION_STATUS register
0Eh
CC_CONNECTION_STATUS
RO
Gives status on CC connection
0Fh
MONITORING_STATUS_
TRANS
RC
Alerts about transition in
MONITORING_STATUS register
10h
MONITORING_STATUS
RO
Gives status on VBUS and VCONN voltage
monitoring
11h
CC_OPERATION_STATUS
RO
Gives status on CC operation modes
12h
HW_FAULT_STATUS_TRANS
RC
Alerts about transition in
HW_FAULT_STATUS register
13h
HW_FAULT_STATUS
RO
Gives status on hardware faults
14h to
17h
Reserved
RO
Do not use
18h
CC_CAPABILITY_CTRL
R/W
Allows the CC capabilities to be changed
19h to
1Dh
Reserved
RO
Do not use
1Eh
CC_VCONN_SWITCH_CTRL
R/W
Allows the current limit of VCONN power
switches to be changed
1Fh
Reserved
RO
Do not use
20h
VCONN_MONITORING_CTRL
R/W
Allows the monitoring conditions of VCONN
voltage to be changed
21h
Reserved
RO
Do not use
22h
VBUS_MONITORING_RANGE
_CTRL
R/W
Allows the voltage range for VBUS monitoring
to be changed
23h
RESET_CTRL
R/W
Controls the device reset by software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com