Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1600 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STUSB1600
Description  Power hubs and docking stations
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1600 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STUSB1600 Datasheet HTML 16Page - STMicroelectronics STUSB1600 Datasheet HTML 17Page - STMicroelectronics STUSB1600 Datasheet HTML 18Page - STMicroelectronics STUSB1600 Datasheet HTML 19Page - STMicroelectronics STUSB1600 Datasheet HTML 20Page - STMicroelectronics STUSB1600 Datasheet HTML 21Page - STMicroelectronics STUSB1600 Datasheet HTML 22Page - STMicroelectronics STUSB1600 Datasheet HTML 23Page - STMicroelectronics STUSB1600 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 69 page
background image
Features description
STUSB1600
20/69
DocID028937 Rev 1
3.5
Dead battery mode
Dead battery mode allows systems powered by a battery to be supplied by the VBUS when
the battery is discharged and to start the battery charging process. This mode is also used
in systems that are powered through the VBUS only.
Dead battery mode is only supported in sink power role and dual power role configurations.
It operates only if the CC1DB and CC2DB pins are connected respectively to the CC1 and
CC2 pins. Thanks to these connections, the STUSB1600 presents a pull down termination
on its CC pins and advertises itself as a sink even if the device is not supplied.
When a source system connects to a USB Type-C port with the STUSB1600 configured in
dead battery mode, it can detect the pull down termination, establish the source-to-sink
connection, and provide the VBUS. The STUSB1600 is then supplied thanks to the VDD pin
connected to the VBUS on the USB Type-C receptacle side. The STUSB1600 can finalize
the source-to-sink connection and enable the power path on the VBUS thanks to the
VBUS_EN_SNK pin which allows the system to be powered.
3.6
High voltage protection
The STUSB1600 can be safely used in systems or connected to systems that handle high
voltage on the VBUS power path. The device integrates an internal circuitry on the CC pins
that tolerates high voltages and ensures protection up to 22 V in case of unexpected short
circuits with the VBUS or in the case of a connection to a device supplying high voltage on
the VBUS.
3.7
Hardware fault management
The STUSB1600 handles hardware fault conditions related to the device itself and to the
VBUS power path during system operation.
When such conditions happen, the circuit goes into a transient error recovery state named
ErrorRecovery in the Type-C FSM. The error recovery state is sufficient to force a detach
event.
When entering in this state, the device de-asserts the VBUS power path by disabling the
VBUS_EN_SRC and VBUS_EN_SNK pins, and it removes the terminations from the CC
pins during several tens of milliseconds. Then, it transitions to the unattached state related
to the configured power mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com