Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1600 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STUSB1600
Description  Power hubs and docking stations
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1600 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STUSB1600 Datasheet HTML 29Page - STMicroelectronics STUSB1600 Datasheet HTML 30Page - STMicroelectronics STUSB1600 Datasheet HTML 31Page - STMicroelectronics STUSB1600 Datasheet HTML 32Page - STMicroelectronics STUSB1600 Datasheet HTML 33Page - STMicroelectronics STUSB1600 Datasheet HTML 34Page - STMicroelectronics STUSB1600 Datasheet HTML 35Page - STMicroelectronics STUSB1600 Datasheet HTML 36Page - STMicroelectronics STUSB1600 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 69 page
background image
DocID028937 Rev 1
33/69
STUSB1600
I2C register map
69
The reset value of TYPEC_FSM_STATE bits is:
00h when the device is operating in sink power role (Unattached.SNK)
08h when device is operating in source power role (Unattached.SRC)
The CC_PIN_ATTACHED bit indicates which CC pin is connected to the CC line. Its value is
consistent with the logic level of the A_B_SIDE output pin providing cable orientation.
The SINK_POWER_STATE bits indicate the current level advertised by the source that the
sink can consume when the device is operating in sink power role.
The TYPEC_FSM_STATE bits indicate the current state of the Type-C FSM corresponding
to the power mode defined in the CC_POWER_MODE_CTRL register.
4:0
TYPEC_FSM_STATE
00h or
08h
00h: Unattached.SNK
01h: AttachWait.SNK
02h: Attached.SNK
03h: DebugAccessory.SNK
04h: reserved
05h: reserved
06h: reserved
07h: TryWait.SNK
08h: Unattached.SRC
09h: AttachWait.SRC
0Ah: Attached.SRC
0Bh: reserved
0Ch: Try.SRC
0Dh: Unattached.Accessory
0Eh: AttachWait.Accessory
0Fh: AudioAccessory
10h: UnorientedDebugAccessory.SRC
11h: reserved
12h: reserved
13h: ErrorRecovery
14h: TryDebounce.SNK (Intermediate state towards
Try.SNK state)
15h: Try.SNK
16h: reserved
17h: TryWait.SRC
18h: UnattachedWait.SRC (VCONN intermediate
discharge state)
19h: OrientedDebugAccessory.SRC
1Ah: reserved
1Bh: reserved
1Ch: reserved
1Dh: reserved
1Eh: reserved
1Fh: reserved
Table 24. CC_OPERATION_STATUS register (continued)
Bit
Field name
Reset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com