Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1600 Datasheet(PDF) 59 Page - STMicroelectronics

Part # STUSB1600
Description  Power hubs and docking stations
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1600 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STUSB1600 Datasheet HTML 55Page - STMicroelectronics STUSB1600 Datasheet HTML 56Page - STMicroelectronics STUSB1600 Datasheet HTML 57Page - STMicroelectronics STUSB1600 Datasheet HTML 58Page - STMicroelectronics STUSB1600 Datasheet HTML 59Page - STMicroelectronics STUSB1600 Datasheet HTML 60Page - STMicroelectronics STUSB1600 Datasheet HTML 61Page - STMicroelectronics STUSB1600 Datasheet HTML 62Page - STMicroelectronics STUSB1600 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 69 page
background image
DocID028937 Rev 1
59/69
STUSB1600
Electrical characteristics
69
8
Electrical characteristics
8.1
Absolute maximum ratings
All voltages are referenced to GND.
Table 48. Absolute maximum ratings
Symbol
Parameter
Value.
Unit
VDD
Supply voltage on VDD pin
28
V
VSYS
Supply voltage on VSYS pin
6
VCC1, VCC2
VCC1DB, VCC2DB
High voltage on CC pins
22
VVBUS_EN_SRC
VVBUS_EN_SNK
VVBUS_SENSE
High voltage on VBUS pins
28
VSCL, VSDA
VALERT#
VRESET
VA_B_SIDE
Operating voltage on I/O pins
-0.3 to 6
VCONN
VCONN voltage
6
TSTG
Storage temperature
-55 to 150
°C
TJ
Maximum junction temperature
145
ESD
Electrostatic discharge
CDM: contact discharge model - IEC61000-4-2
2kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com