Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1600 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STUSB1600
Description  Power hubs and docking stations
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1600 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STUSB1600 Datasheet HTML 18Page - STMicroelectronics STUSB1600 Datasheet HTML 19Page - STMicroelectronics STUSB1600 Datasheet HTML 20Page - STMicroelectronics STUSB1600 Datasheet HTML 21Page - STMicroelectronics STUSB1600 Datasheet HTML 22Page - STMicroelectronics STUSB1600 Datasheet HTML 23Page - STMicroelectronics STUSB1600 Datasheet HTML 24Page - STMicroelectronics STUSB1600 Datasheet HTML 25Page - STMicroelectronics STUSB1600 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 69 page
background image
Features description
STUSB1600
22/69
DocID028937 Rev 1
3.8.2
Debug accessory mode detection
The STUSB1600 detects a connection to a debug and test system (DTS) when it operates
either in sink power role or in source power role. The debug accessory detection is
advertised by the DEBUG1 and DEBUG2 pins as well as through the
CC_ATTACHED_MODE bits of the I2C register CC_CONNECTION_STATUS (see
Section 5.1: Register description).
In sink power role, a debug accessory device is detected when both the CC1 and CC2
pins are pulled up by an Rp resistor from the connected device. The voltage levels on
the CC1 and CC2 pins give the orientation and current capability as described in the
table below. The DEBUG1 pin is asserted to advertise the DTS detection and the
A_B_SIDE pin indicates the orientation of the connection. The current capability of the
DTS is given through the SINK_POWER_STATE bits of the I2C register
CC_OPERATION_STATUS (see Section 5.1: Register description).
Table 10. Orientation and current capability detection in sink power role
#
CC1 pin
(CC2 pin)
CC2 pin
(CC1 pin)
Charging
current
configuration
A_B_SIDE pin
CC1/CC2
(CC2/CC1)
Current capability state
SINK_POWER_STATE
bit values
1
Rp 3A
Rp 1.5A
Default
HiZ (0)
PowerDefault.SNK (source
supplies default USB
current)
2
Rp 1.5A
Rp default
1.5 A
HiZ (0)
Power1.5.SNK (source
supplies 1.5 A USB Type-C
current)
3
Rp 3A
Rp default
3.0 A
HiZ (0)
Power3.0.SNK (source
supplies 3.0 A USB Type-C
current)
4
Rp
def/1.5A/3A
Rp
def/1.5A/3A
Default
HiZ (HiZ)
PowerDefault.SNK (source
supplies default USB
current)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com