Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1600 Datasheet(PDF) 63 Page - STMicroelectronics

Part # STUSB1600
Description  Power hubs and docking stations
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1600 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STUSB1600 Datasheet HTML 59Page - STMicroelectronics STUSB1600 Datasheet HTML 60Page - STMicroelectronics STUSB1600 Datasheet HTML 61Page - STMicroelectronics STUSB1600 Datasheet HTML 62Page - STMicroelectronics STUSB1600 Datasheet HTML 63Page - STMicroelectronics STUSB1600 Datasheet HTML 64Page - STMicroelectronics STUSB1600 Datasheet HTML 65Page - STMicroelectronics STUSB1600 Datasheet HTML 66Page - STMicroelectronics STUSB1600 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 69 page
background image
DocID028937 Rev 1
63/69
STUSB1600
Electrical characteristics
69
VMONUSBL
VBUS monitoring
low voltage limit
in source power
role
VBUS = 5.0 V nominal voltage,
threshold limit programmable by
NVM from VBUS–5% to
VBUS-20%, default VMONUSBL
Source = VBUS -10%
VBUS -
10%
V
VBUS monitoring
low voltage limit
in sink power
role
VBUS = 5.0 V nominal voltage,
threshold limit programmable by
NVM from VBUS–5% to
VBUS-20%, default VMONUSBL
Sink = VBUS -20%
VBUS -
20%
V
Digital input/output (SCL, SDA, ALERT#, A_B_SIDE)
VIH
High level input
voltage
1.2
V
VIL
Low level input
voltage
0.35
V
VOL
Low level output
voltage
Ioh = 3 mA
0.4
V
20 V open drain outputs (VBUS_EN_SRC, VBUS_EN_SNK)
VOL
Low level output
voltage
Ioh = 3 mA
0.4
V
Table 50. Electrical characteristics (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com