Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1600 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STUSB1600
Description  Power hubs and docking stations
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1600 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STUSB1600 Datasheet HTML 26Page - STMicroelectronics STUSB1600 Datasheet HTML 27Page - STMicroelectronics STUSB1600 Datasheet HTML 28Page - STMicroelectronics STUSB1600 Datasheet HTML 29Page - STMicroelectronics STUSB1600 Datasheet HTML 30Page - STMicroelectronics STUSB1600 Datasheet HTML 31Page - STMicroelectronics STUSB1600 Datasheet HTML 32Page - STMicroelectronics STUSB1600 Datasheet HTML 33Page - STMicroelectronics STUSB1600 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 69 page
background image
I2C register map
STUSB1600
30/69
DocID028937 Rev 1
5.1.4
CC_CONNECTION_STATUS
Address: 0Eh
Access: RO
Note: this register gives the connection state of the CC pins and on associated operating
modes of the device.
The DEVICE_POWER_MODE bit indicates the power consumption mode of the device at
start-up and during operation:
In normal mode, all the internal circuits are turned on
In standby mode, the CC interface and the voltage monitoring blocks remain off until a
connection is detected.
The standby mode power is disabled by default and can be activated through NVM
programming (see Section 6: Start-up configuration).
The CC_POWER_ROLE bit is relevant only when a connection is established and the
device is attached.
Table 21. CC_CONNECTION_STATUS register
Bit
Field Name
Reset
Description
7:5
CC_ATTACHED_MODE
000b
000b: no device attached
001b: sink attached
010b: source attached
011b: debug accessory attached
100b: audio accessory attached
101b: do not use
110b: do not use
111b: do not use
4
DEVICE_POWER_MODE
0b
(NVM)
0b: operating in normal power mode
1b: operating in standby power mode
3
CC_POWER_ROLE
0b
0b: operating as a sink
1b: operating as a source
2
Reserved
0b
Do not use
1
CC_VCONN_SUPPLY
0b
0b: VCONN is not supplied on CC pin
1b: VCONN is supplied on CC pin
0
CC_ATTACH
0b
0b: not attached
1b: attached



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com