Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1600 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STUSB1600
Description  Power hubs and docking stations
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1600 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STUSB1600 Datasheet HTML 11Page - STMicroelectronics STUSB1600 Datasheet HTML 12Page - STMicroelectronics STUSB1600 Datasheet HTML 13Page - STMicroelectronics STUSB1600 Datasheet HTML 14Page - STMicroelectronics STUSB1600 Datasheet HTML 15Page - STMicroelectronics STUSB1600 Datasheet HTML 16Page - STMicroelectronics STUSB1600 Datasheet HTML 17Page - STMicroelectronics STUSB1600 Datasheet HTML 18Page - STMicroelectronics STUSB1600 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 69 page
background image
DocID028937 Rev 1
15/69
STUSB1600
Features description
69
3.2.3
VBUS power path assertion
The STUSB1600 can control the assertion of the VBUS power path on the USB Type-C port,
directly or indirectly, through the VBUS_EN_SRC and VBUS_EN_SNK pins according to the
system power role.
The tables below summarize the configurations and the conditions that determine the
electrical value of the VBUS_EN_SRC and VBUS_EN_SNK pins during system operation.
As specified in the USB Type-C standard specification, the attached state “Attached.SRC” is
reached only if the voltage on the VBUS receptacle side is at vSafe0V condition when a
connection is detected.
Table 7. Conditions for VBUS power path assertion in source power role
Pin
Electrical
value
Operation conditions
Comment
Type-C attached
state
VDD pin
monitoring
VBUS_SENSE pin
monitoring
VBUS_EN_SRC
0
Attached.SRC
or
UnorientedDebug
Accessory.SRC
or
OrientedDebug
Accessory.SRC
VDD > UVLO if
VDD_UVLO
enabled
and/or
VDD < OVLO if
VDD_OVLO
enabled
VBUS is within valid
voltage range if
VBUS _VALID_RANGE
enabled
or
VBUS > UVLO if
VBUS _VALID_RANGE
disabled
The signal is
asserted
only if all the
valid
operation
conditions
are met
HiZ
Any other state
VDD < UVLO if
VDD_UVLO
enabled
and/or
VDD > OVLO if
VDD_OVLO
enabled
VBUS is out of valid
voltage range if
VBUS _VALID_RANGE
enabled
or
VBUS < UVLO if
VBUS _VALID_RANGE
disabled
The signal is
de-asserted
when at
least one
non valid
operation
condition is
met



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com