Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1600 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STUSB1600
Description  Power hubs and docking stations
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1600 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STUSB1600 Datasheet HTML 37Page - STMicroelectronics STUSB1600 Datasheet HTML 38Page - STMicroelectronics STUSB1600 Datasheet HTML 39Page - STMicroelectronics STUSB1600 Datasheet HTML 40Page - STMicroelectronics STUSB1600 Datasheet HTML 41Page - STMicroelectronics STUSB1600 Datasheet HTML 42Page - STMicroelectronics STUSB1600 Datasheet HTML 43Page - STMicroelectronics STUSB1600 Datasheet HTML 44Page - STMicroelectronics STUSB1600 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 69 page
background image
DocID028937 Rev 1
41/69
STUSB1600
I2C register map
69
5.1.19
VBUS_MONITORING_CTRL
Address: 2Eh
Access: R/W
Note: this register allows the default monitoring conditions of the VBUS voltage over the
power path from the VDD and VBUS_SENSE pins to be modified.
The VBUS_VALID_RANGE_DISABLE and VBUS_VSAFE0V_THRESHOLD bits are
defining monitoring conditions applicable to the VBUS_SENSE pin connected to the USB
Type-C receptacle side.
The VBUS_VALID_RANGE_DISABLE bit allows the valid VBUS voltage range condition to
be substituted by the VBUS UVLO threshold condition to establish a valid device attachment
and to assert the VBUS power path.
The VBUS_VSAFE0V_THRESHOLD bit indicates the voltage value of the VBUS vSafe0V
threshold used in source power role as a Type-C FSM condition to establish a valid device
attachment.
The VDD_UVLO_DISABLE and VDD_OVLO_DISABLE bits are defining monitoring
conditions applicable to the VDD supply pin when it is connected to the main power supply
in source power role only.
When UVLO detection is enabled, the VBUS_EN_SRC pin is asserted only if the
voltage on the VDD pin is above a UVLO threshold of 3.9 V.
When OVLO detection is enabled, the VBUS_EN_SRC pin is asserted only if the
voltage on the VDD pin is below a OVLO threshold of 6.0 V.
Table 36. VBUS_MONITORING_CTRL register
Bit
Field name
Reset
Description
7
Reserved
0b
Do not use
6
VDD_OVLO_DISABLE
0b
(NVM)
0b: enables OVLO threshold detection on VDD
pin
1b: disables OVLO threshold detection on
VDD pin
5
Reserved
0b
Do not use
4
VBUS_VALID_RANGE_DISABLE
0b
(NVM)
0b: enables valid VBUS voltage range detection
1b: disables valid VBUS voltage range
detection
(UVLO threshold detection used instead)
3
Reserved
0b
Do not use
2:1
VBUS_VSAFE0V_THRESHOLD
00b
(NVM)
00b: VBUS vSafe0V threshold = 0.6 V
01b: VBUS vSafe0V threshold = 0.9 V
10b: VBUS vSafe0V threshold = 1.2 V
11b: VBUS vSafe0V threshold = 1.8 V
0
VDD_UVLO_DISABLE
1b
(NVM)
0b: enables UVLO threshold detection on VDD
pin
1b: disables UVLO threshold detection on
VDD pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com