Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1600 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STUSB1600
Description  Power hubs and docking stations
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1600 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STUSB1600 Datasheet HTML 6Page - STMicroelectronics STUSB1600 Datasheet HTML 7Page - STMicroelectronics STUSB1600 Datasheet HTML 8Page - STMicroelectronics STUSB1600 Datasheet HTML 9Page - STMicroelectronics STUSB1600 Datasheet HTML 10Page - STMicroelectronics STUSB1600 Datasheet HTML 11Page - STMicroelectronics STUSB1600 Datasheet HTML 12Page - STMicroelectronics STUSB1600 Datasheet HTML 13Page - STMicroelectronics STUSB1600 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
Inputs/outputs
STUSB1600
10/69
DocID028937 Rev 1
2.3.4
RESET
Active high reset
2.3.5
I²C interface pins
2.3.6
GND
Ground
2.3.7
VBUS_VALID
This pin is asserted during attachment when the VBUS is detected on the VBUS_SENSE pin
and the VBUS voltage is within the valid operating range. The VBUS valid state is also
advertised in a dedicated I2C register bit (see Section 5.1: Register description).
2.3.8
ATTACH
This pin is asserted when a valid source-to-sink connection is established. It is also asserted
when a connection to an accessory device is detected. The attachment state is also
advertised in a dedicated I2C register bit (see Section 5.1: Register description).
2.3.9
DEBUG pins
These pins are asserted when a debug accessory device is detected according to the
running power role.
Table 4. I2C interface pin list
Name
Description
SCL
I²C clock, need external pull-up
SDA
I²C data
, need external pull-up
ALERT#
I²C interrupt, need external pull-up
ADDR0
I²C device address bit (see Section 4: I2C interface)
Table 5. Debug pin list
Name
Description
DEBUG1
Asserted when Type-C FSM is in DebugAccessory.SNK state in sink power role
DEBUG2
Asserted when Type-C FSM is in UnorientedDebugAccessory.SRC or
OrientedDebugAccessory.SRC states in source power role



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com