Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1600 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STUSB1600
Description  Power hubs and docking stations
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1600 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STUSB1600 Datasheet HTML 14Page - STMicroelectronics STUSB1600 Datasheet HTML 15Page - STMicroelectronics STUSB1600 Datasheet HTML 16Page - STMicroelectronics STUSB1600 Datasheet HTML 17Page - STMicroelectronics STUSB1600 Datasheet HTML 18Page - STMicroelectronics STUSB1600 Datasheet HTML 19Page - STMicroelectronics STUSB1600 Datasheet HTML 20Page - STMicroelectronics STUSB1600 Datasheet HTML 21Page - STMicroelectronics STUSB1600 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 69 page
background image
Features description
STUSB1600
18/69
DocID028937 Rev 1
3.3.6
VCONN power switches
Features
The STUSB1600 integrates two current limited high-side power switches with protection
that tolerates high voltage up to 22 V on the CC pins.
Each VCONN power switch presents the following features:
Soft-start to limit inrush current
Constant current mode overcurrent protection
Adjustable current limit
Thermal protection
Undervoltage and overvoltage protection
Reverse current and reverse voltage protection
Figure 3. VCONN to CC1 and CC2 power switch protection
Current limit programming
The current limit can be set within the range 100 mA to 600 mA by a step of 50 mA. The
default current limit is programmed through NVM programming (see Section 6: Start-up
configuration) and can be changed by software through the I2C interface (see Section 5.1:
Register description). At power-on or after a reset, the current limit takes the default value
preset in the NVM.
Fault management
The table below summarizes the different fault conditions that could occur during operation
of the switch and the associated responses. An I2C alert is generated when a fault condition
happens (see Section 5.1: Register description).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com