Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1600 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STUSB1600
Description  Power hubs and docking stations
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1600 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STUSB1600 Datasheet HTML 27Page - STMicroelectronics STUSB1600 Datasheet HTML 28Page - STMicroelectronics STUSB1600 Datasheet HTML 29Page - STMicroelectronics STUSB1600 Datasheet HTML 30Page - STMicroelectronics STUSB1600 Datasheet HTML 31Page - STMicroelectronics STUSB1600 Datasheet HTML 32Page - STMicroelectronics STUSB1600 Datasheet HTML 33Page - STMicroelectronics STUSB1600 Datasheet HTML 34Page - STMicroelectronics STUSB1600 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 69 page
background image
DocID028937 Rev 1
31/69
STUSB1600
I2C register map
69
5.1.5
MONITORING_STATUS_TRANS
Address: 0Fh
Access: RC
Note: this register indicates a bit value change has occurred in the MONITORING_STATUS
register.
5.1.6
MONITORING_STATUS
Address: 10h
Access: RO
Note: this register gives the current status of the VBUS and VCONN voltage monitoring done
respectively on the VBUS_SENSE and VCONN pins.
The default value of the VBUS valid voltage range can be changed in the
VBUS_MONITORING_RANGE_CTRL register during operation.
The VBUS vSafe0V threshold is defined in the VBUS_MONITORING_CTRL register. It is
used in source power role as a Type-C FSM condition to establish a valid device
attachment.
Table 22. MONITORING_STATUS_TRANS register
Bit
Field name
Reset
Description
7:4 Reserved
0000b Do not use
3
VBUS_VALID_TRANS
0b
0b: cleared
1b: transition occurred on VBUS_VALID bit
2
VBUS_VSAFE0V_TRANS
0b
0b: cleared
1b: transition occurred on VBUS_VSAFE0V bit
1
VBUS_PRESENCE_TRANS
0b
0b: cleared
1b: transition occurred on VBUS_PRESENCE bit
0
VCONN_PRESENCE_TRANS
0b
0b: cleared
1b: transition occurred on VCONN_PRESENCE bit
Table 23. MONITORING_STATUS register
Bit
Field name
Reset
Description
7:4
Reserved
0000b
Do not use
3
VBUS_VALID
0b
0b: VBUS is outside valid voltage range
1b: VBUS is within valid voltage range
2
VBUS_VSAFE0V
1b
0b: VBUS is above vSafe0V threshold
1b: VBUS is below VSafe0V threshold
1
VBUS_PRESENCE
0b
0b: VBUS is below UVLO threshold
1b: VBUS is above UVLO threshold
0
VCONN_PRESENCE
0b or 1b
0b: VCONN is below UVLO threshold
1b: VCONN is above UVLO threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com