Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1600 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STUSB1600
Description  Power hubs and docking stations
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1600 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STUSB1600 Datasheet HTML 33Page - STMicroelectronics STUSB1600 Datasheet HTML 34Page - STMicroelectronics STUSB1600 Datasheet HTML 35Page - STMicroelectronics STUSB1600 Datasheet HTML 36Page - STMicroelectronics STUSB1600 Datasheet HTML 37Page - STMicroelectronics STUSB1600 Datasheet HTML 38Page - STMicroelectronics STUSB1600 Datasheet HTML 39Page - STMicroelectronics STUSB1600 Datasheet HTML 40Page - STMicroelectronics STUSB1600 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 69 page
background image
DocID028937 Rev 1
37/69
STUSB1600
I2C register map
69
5.1.11
CC_VCONN_SWITCH_CTRL
Address: 1Eh
Access: R/W
Note: this register allows the default current limit of the power switches supplying VCONN on
the CC pins to be changed.
5.1.12
VCONN_MONITORING_CTRL
Address: 20h
Access: R/W
Note: this register allows the default voltage monitoring conditions for VCONN to be modified.
Disabling the UVLO threshold detection on the VCONN pin deactivates the VCONN power
path and sets the VCONN_PRESENCE bit to 0b in the MONITORING_STATUS register.
Table 28. CC_VCONN_SWITCH_CTRL register
Bit
Field name
Reset
Description
7:4
Reserved
0000b
Do not use
3:0
CC_VCONN_SWITCH_ILIM
0000b
(NVM)
0000b: 350 mA (default)
0001b: 300 mA
0010b: 250 mA
0011b: 200 mA
0100b: 150 mA
0101b: 100 mA
0110b: 400 mA
0111b: 450 mA
1000b: 500 mA
1001b: 550 mA
1010b: 600 mA
Table 29. VCONN_MONITORING_CTRL register
Bit
Field name
Reset
Description
7
VCONN_MONITORING_EN
1b
0b: disables UVLO threshold detection on VCONN
pin
1b: enables UVLO threshold detection on VCONN
pin
6
VCONN_UVLO_THRESHOLD
0b
0b: high UVLO threshold of 4.65 V
1b: low UVLO threshold of 2.65 V (case where
VCONN-powered accessories are operating down to
2.7 V)
5
Reserved
1b
Do not use
4
Reserved
0b
Do not use
3:0
Reserved
0000b Do not use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com