Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1600 Datasheet(PDF) 48 Page - STMicroelectronics

Part # STUSB1600
Description  Power hubs and docking stations
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1600 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STUSB1600 Datasheet HTML 44Page - STMicroelectronics STUSB1600 Datasheet HTML 45Page - STMicroelectronics STUSB1600 Datasheet HTML 46Page - STMicroelectronics STUSB1600 Datasheet HTML 47Page - STMicroelectronics STUSB1600 Datasheet HTML 48Page - STMicroelectronics STUSB1600 Datasheet HTML 49Page - STMicroelectronics STUSB1600 Datasheet HTML 50Page - STMicroelectronics STUSB1600 Datasheet HTML 51Page - STMicroelectronics STUSB1600 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 69 page
background image
Application
STUSB1600
48/69
DocID028937 Rev 1
Device state according to connection state
The value of the CC1 and CC2 pins is defined from a termination perspective and corresponds to the
termination presented by the connected device. The CC_CONNECTION_STATUS register can report
other values than the one presented in Table 40. In this table, it reflects the state transitions in Type-C
FSM that can be ignored from the application stand point.
Table 40. Source power role with accessory support
Connection
state
CC1
pin
CC2
pin
Type-C
device state
CC_OPERATION_STATUS
register @11h
A_B_SIDE
pin
VCONN
supply
VBUS_EN_SRC
pin
CC_CONNECTION_STATUS
register @0Eh
Nothing
attached
Open Open
Unattached.SRC
HiZ
OFF
HiZ
00h
Sink
attached
Rd
Open
Attached.SRC
HiZ
OFF
0
2Dh
Open
Rd
0
OFF
0
2Dh
Powered
cable
without sink
attached
Open
Ra
Unattached.SRC
HiZ
OFF
HiZ
00h
Ra
Open
HiZ
OFF
HiZ
00h
Powered
cable with
sink
attached or
VCONN-
powered
accessory
attached
Rd
Ra
Attached.SRC
HiZ
CC2
0
2Fh
Ra
Rd
0
CC1
0
2Fh
Debug
accessory
mode
attached
source role
Rp
Rp
Unattached.SRC
HiZ
OFF
HiZ
00h
Debug
accessory
mode
attached
sink role
Rd
Rd
UnorientedDebug
Accessory.SRC
HiZ
OFF
0
6Dh
Debug
accessory
mode
attached
sink role
Rd
≤ Ra
OrientedDebug
Accessory.SRC
HiZ
OFF
0
6Dh
≤ Ra
Rd
0
OFF
0
6Dh
Audio
adapter
accessory
mode
attached
Ra
Ra
Audio accessory
HiZ
OFF
HiZ
81h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com