Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1600 Datasheet(PDF) 61 Page - STMicroelectronics

Part # STUSB1600
Description  Power hubs and docking stations
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1600 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STUSB1600 Datasheet HTML 57Page - STMicroelectronics STUSB1600 Datasheet HTML 58Page - STMicroelectronics STUSB1600 Datasheet HTML 59Page - STMicroelectronics STUSB1600 Datasheet HTML 60Page - STMicroelectronics STUSB1600 Datasheet HTML 61Page - STMicroelectronics STUSB1600 Datasheet HTML 62Page - STMicroelectronics STUSB1600 Datasheet HTML 63Page - STMicroelectronics STUSB1600 Datasheet HTML 64Page - STMicroelectronics STUSB1600 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 69 page
background image
DocID028937 Rev 1
61/69
STUSB1600
Electrical characteristics
69
8.3
Electrical and timing characteristics
Unless otherwise specified: VDD = 5 V, TA = 25 °C, all voltages are referenced to GND.
Table 50. Electrical characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IDD (SRC)
Current
consumption
Device idle as a SOURCE
(not connected, no
communication)
VSYS @ 3.3 V
VDD @ 5.0 V
158
188
µA
µA
IDD (SNK)
Current
consumption
Device idle as a SINK
(not connected, no
communication)
VSYS @ 3.3 V
VDD @ 5.0 V
113
140
µA
µA
ISTDBY
Standby current
consumption
Device in standby
(not connected, low power)
VSYS @ 3.3 V
VDD @ 5.0 V
33
53
µA
µA
CC1 and CC2 pins
IP-USB
IP-1.5
IP-3.0
CC current
sources
CC pin voltage, VCC = 0 to 2.6 V,
40 °C < TA < +105 °C
-20%
-8%
-8%
80
180
330
20%
8%
8%
uA
uA
uA
VCCO
CC open pin
voltage
CC unconnected, VDD = 3.0 to
5.5 V
2.75
V
Rd
CC pull-down
resistors
-40 °C < TA < 105 °C
-10%
5.1
+10%
kΩ
VCCDB-1.5
VCCDB-3.0
CC pin voltage
in dead battery
condition
External IP = 180 μA applied into
CC, external IP = 330 μA applied
into CC, VDD = 0 V, dead-battery
function enabled
1.2
2.0
V
V
RINCC
CC input
impedance
Pull-up and pull-down resistors
off
200
kΩ
VTH0.2
Detection
threshold 1
Max Ra detection by source at
IP = IP -USB, min IP_USB detection
by sink on Rd, min CC voltage
for connected sink
0.15
0.20
0.25
V
VTH0.4
Detection
threshold 2
Max Ra detection by source at
IP = IP-1.5
0.35
0.40
0.45
V
VTH0.66
Detection
threshold 3
Min IP_1.5 detection by sink on
Rd
0.61
0.66
0.70
V
VTH0.8
Detection
threshold 4
Max Ra detection by source at
IP = IP-3.0
0.75
0.80
0.85
V
VTH1.23
Detection
threshold 5
Min IP_3.0 detection by sink on
Rd
1.16
1.23
1.31
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com