Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1600 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STUSB1600
Description  Power hubs and docking stations
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1600 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STUSB1600 Datasheet HTML 10Page - STMicroelectronics STUSB1600 Datasheet HTML 11Page - STMicroelectronics STUSB1600 Datasheet HTML 12Page - STMicroelectronics STUSB1600 Datasheet HTML 13Page - STMicroelectronics STUSB1600 Datasheet HTML 14Page - STMicroelectronics STUSB1600 Datasheet HTML 15Page - STMicroelectronics STUSB1600 Datasheet HTML 16Page - STMicroelectronics STUSB1600 Datasheet HTML 17Page - STMicroelectronics STUSB1600 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 69 page
background image
Features description
STUSB1600
14/69
DocID028937 Rev 1
3.2
VBUS power path control
3.2.1
VBUS monitoring
The VBUS monitoring block supervises (from the VBUS_SENSE pin) the VBUS voltage on
the USB Type-C receptacle side.
It is used to check that the VBUS is within a valid voltage range:
To establish a valid source-to-sink connection according to USB Type-C standard
specifications.
To safely enable the VBUS power path through the VBUS_EN_SRC pin or
VBUS_EN_SNK pin depending on the power role.
It allows detection of unexpected VBUS voltage conditions such as undervoltage or
overvoltage relative to the valid VBUS voltage range. When such conditions occur, the
STUSB1600 reacts as follows:
At attachment, it prevents the source-to-sink connection and the VBUS power path
assertion.
After attachment, it deactivates the source-to-sink connection and disables the VBUS
power path. In source power role, the device goes into error recovery state. In Sink
power role, the device goes into unattached state.
The valid VBUS voltage range is defined from the VBUS nominal voltage by a high threshold
voltage and a low threshold voltage whose nominal values are respectively VBUS+5% and
VBUS-5%. The nominal threshold limits can be shifted by a fraction of VBUS from +1% to
+15% for the high threshold voltage and from -1% to -15% for the low threshold voltage.
This means the threshold limits can vary from VBUS+5% to VBUS+20% for the high limit and
from VBUS-5% to VBUS-20% for the low limit.
The threshold limits are preset by default in the NVM with different shift coefficients
depending on whether the device operates in source power role or in sink power role (see
Section 8.3: Electrical and timing characteristics). The threshold limits can be changed
independently through NVM programming (see Section 6: Start-up configuration) and also
by software during attachment through the I2C interface (see Section 5.1: Register
description).
3.2.2
VBUS discharge
The monitoring block also handles the internal VBUS discharge path connected to the
VBUS_SENSE pin. The discharge path is activated at detachment, or when the device goes
into the error recovery state whatever the power role (see Section 3.7: Hardware fault
management).
The VBUS discharge path is enabled by default in the NVM and can be disabled through
NVM programming only (see Section 6: Start-up configuration). The discharge time duration
is also preset by default in the NVM (see Section 8.3: Electrical and timing characteristics).
The discharge time duration can be changed through NVM programming (see Section 6:
Start-up configuration) and also by software through the I2C interface (see Section 5.1:
Register description).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com