Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1600 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STUSB1600
Description  Power hubs and docking stations
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1600 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STUSB1600 Datasheet HTML 28Page - STMicroelectronics STUSB1600 Datasheet HTML 29Page - STMicroelectronics STUSB1600 Datasheet HTML 30Page - STMicroelectronics STUSB1600 Datasheet HTML 31Page - STMicroelectronics STUSB1600 Datasheet HTML 32Page - STMicroelectronics STUSB1600 Datasheet HTML 33Page - STMicroelectronics STUSB1600 Datasheet HTML 34Page - STMicroelectronics STUSB1600 Datasheet HTML 35Page - STMicroelectronics STUSB1600 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 69 page
background image
I2C register map
STUSB1600
32/69
DocID028937 Rev 1
The VBUS UVLO threshold is fixed to 3.9 V.
The VCONN UVLO threshold is defined in the VCONN_MONITORING_CTRL register.
The reset value of the VCONN_PRESENCE bit is:
0b when VCONN is not supplied on the VCONN pin, or when VCONN is supplied and the
voltage level is below the UVLO threshold, or when the VCONN threshold detection
circuit is disabled.
1b when VCONN is supplied on the VCONN pin and the voltage level is above UVLO
threshold.
5.1.7
CC_OPERATION_STATUS
Address: 11h
Access: RO
Note: this register gives the current status of the device operating modes with respect to the
Type-C FSM states as defined in the USB Type-C standard specification. This status is
informative only and is not used to trigger any alert.
Table 24. CC_OPERATION_STATUS register
Bit
Field name
Reset
Description
7
CC_PIN_ATTACHED
0b
0b: CC1 is attached
1b: CC2 is attached
6:5
SINK_POWER_STATE
00b
00b: PowerDefault.SNK (source supplies default USB
current)
01b: Power1.5.SNK (source supplies 1.5 A USB
Type-C current)
10b: Power3.0.SNK (source supplies 3.0 A USB
Type-C current)
11b: do not use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com