Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1600 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STUSB1600
Description  Power hubs and docking stations
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1600 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STUSB1600 Datasheet HTML 42Page - STMicroelectronics STUSB1600 Datasheet HTML 43Page - STMicroelectronics STUSB1600 Datasheet HTML 44Page - STMicroelectronics STUSB1600 Datasheet HTML 45Page - STMicroelectronics STUSB1600 Datasheet HTML 46Page - STMicroelectronics STUSB1600 Datasheet HTML 47Page - STMicroelectronics STUSB1600 Datasheet HTML 48Page - STMicroelectronics STUSB1600 Datasheet HTML 49Page - STMicroelectronics STUSB1600 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 69 page
background image
Application
STUSB1600
46/69
DocID028937 Rev 1
Default start-up configuration
Table 38. Default setting for a source type application
Customization
type
Parameter
Default value and description
I2C
register
address
NVM/SW
CC_CONNECTION_STATUS_AL_MASK
1b: interrupt masked
0Ch
NVM/SW
MONITORING_STATUS_AL_MASK
1b: interrupt masked
0Ch
NVM/SW
HW_FAULT_STATUS_AL_MASK
1b: interrupt masked
0Ch
NVM
STANDBY_POWER_MODE_DISABLE
1b: disables standby power mode
n. a.
NVM/SW
CC_CURRENT_ADVERTISED
00b: default USB Current, 500 mA or
900 mA
18h
NVM/SW
CC_VCONN_DISCHARGE_EN
0b: VCONN discharge disabled on CC
pin
18h
NVM/SW
CC_VCONN_SUPPLY_EN
1b: VCONN supply capability enabled
on CC pin
18h
NVM/SW
CC_VCONN_SWITCH_ILIM
0000b: 350 mA
1Eh
SW
VCONN_MONITORING_EN
1b: enables UVLO threshold detection
on VCONN pin
20h
SW
VCONN_UVLO_THRESHOLD
0b: high UVLO threshold of 4.65 V
20h
NVM/SW
SHIFT_HIGH_VBUS_LIMIT_SOURCE
0111b: in source power role, shifts
nominal high voltage limit by 7 % of
VBUS
22h
NVM/SW
SHIFT_LOW_VBUS_LIMIT_SOURCE
0101b: in source power role, shifts
nominal low voltage limit by -5 % of
VBUS
22h
SW
SW_RESET_EN
0b: device reset is performed from
hardware RESET pin
23h
NVM/SW
VBUS_DISCHARGE_TIME_TO_0V
1010b: 840 ms discharge time
25h
NVM
VBUS_DISCHARGE_DISABLE
0b: enables VBUS discharge path
n. a.
NVM/SW
CC_POWER_MODE
000b: source power role with accessory
support (1)
28h
NVM/SW
VDD_OVLO_DISABLE
0b: enables OVLO threshold detection
on VDD pin
2Eh
NVM/SW
VBUS_VALID_RANGE_DISABLE
0b: enables valid VBUS voltage range
detection
2Eh
NVM/SW
VBUS_VSAFE0V_THRESHOLD
00b: VBUS vSafe0V threshold = 0.6 V
2Eh
NVM/SW
VDD_UVLO_DISABLE
1b: disables UVLO threshold detection
on VDD pin
2Eh
1. Indicates parameter customized by NVM re-programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com