Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1600 Datasheet(PDF) 67 Page - STMicroelectronics

Part # STUSB1600
Description  Power hubs and docking stations
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1600 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STUSB1600 Datasheet HTML 61Page - STMicroelectronics STUSB1600 Datasheet HTML 62Page - STMicroelectronics STUSB1600 Datasheet HTML 63Page - STMicroelectronics STUSB1600 Datasheet HTML 64Page - STMicroelectronics STUSB1600 Datasheet HTML 65Page - STMicroelectronics STUSB1600 Datasheet HTML 66Page - STMicroelectronics STUSB1600 Datasheet HTML 67Page - STMicroelectronics STUSB1600 Datasheet HTML 68Page - STMicroelectronics STUSB1600 Datasheet HTML 69Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 67 / 69 page
background image
DocID028937 Rev 1
67/69
STUSB1600
Terms and abbreviations
69
10
Terms and abbreviations
Table 53. List of terms and abbreviations
Term
Description
Accessory modes
Audio adapter accessory mode. It is defined by the presence of Ra/Ra on the
CC1/CC2 pins.
Debug accessory mode. It is defined by the presence of Rd/Rd on CC1/CC2
pins in Source power role or Rp/Rp on CC1/CC2 pins in Sink power role.
DFP
Downstream Facing Port, specifically associated with the flow of data in a
USB connection. Typically, the ports on a HOST or the ports on a hub to which
devices are connected. In its initial state, the DFP sources VBUS and VCONN
and supports data.
DRP
Dual-role port. A port that can operate as either a source or a sink. The port's
role may be changed dynamically.
Sink
Port asserting Rd on the CC pins and consuming power from the VBUS; most
commonly a device.
Source
Port asserting Rp on the CC pins and providing power over the VBUS; most
commonly a host or hub DFP.
UFP
Upstream Facing Port, specifically associated with the flow of data in a USB
connection. The port on a device or a hub that connects to a host or the DFP
of a hub. In its initial state, the UFP sinks the VBUS and supports data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com