Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1600 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STUSB1600
Description  Power hubs and docking stations
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1600 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STUSB1600 Datasheet HTML 24Page - STMicroelectronics STUSB1600 Datasheet HTML 25Page - STMicroelectronics STUSB1600 Datasheet HTML 26Page - STMicroelectronics STUSB1600 Datasheet HTML 27Page - STMicroelectronics STUSB1600 Datasheet HTML 28Page - STMicroelectronics STUSB1600 Datasheet HTML 29Page - STMicroelectronics STUSB1600 Datasheet HTML 30Page - STMicroelectronics STUSB1600 Datasheet HTML 31Page - STMicroelectronics STUSB1600 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 69 page
background image
I2C register map
STUSB1600
28/69
DocID028937 Rev 1
5.1
Register description
The reset column specified in the register descriptions below defines the default value of the
registers at power-up or after a reset. The reset values with (NVM) index correspond to the
user-defined parameters that can be customized by NVM re-programming if needed (see
Section 6: Start-up configuration).
5.1.1
ALERT_STATUS
Address: 0Bh
Access: RC
Note: this register indicates an alert has occurred
24h
Reserved
RO
Do not use
25h
VBUS_DISCHARGE_TIME_
CTRL
R/W
Allows the VBUS discharge time to be
changed
26h
VBUS_DISCHARGE_STATUS
R/W
Gives status on VBUS discharge path
activation
27h
VBUS_ENABLE_STATUS
RO
Gives status on VBUS power path activation
28h
CC_POWER_MODE_CTRL
R/W
Allows the CC power mode to be changed
29h to
2Dh
Reserved
RO
Do not use
2Eh
VBUS_MONITORING_CTRL
R/W
Allows the monitoring conditions of VBUS
voltage to be changed
2Fh
Reserved
RO
Do not use
Table 17. STUSB1600 register map overview (continued)
Address
Register name
Access
Description
Table 18. ALERT_STATUS register
Bit
Field name
Reset
Description
7
Reserved
0b
Do not use
6
CC_CONNECTION_STATUS_AL
0b
0b: cleared
1b: change occurred on
CC_CONNECTION_STATUS_TRANS register
5
MONITORING_STATUS_AL
0b
0b: cleared
1b: change occurred on
MONITORING_STATUS_TRANS register
4
HW_FAULT_STATUS_AL
0b
0b: cleared
1b: change occurred on
HW_FAULT_STATUS_TRANS register
3:0 Reserved
0000b Do not use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com