Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1600 Datasheet(PDF) 42 Page - STMicroelectronics

Part # STUSB1600
Description  Power hubs and docking stations
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1600 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STUSB1600 Datasheet HTML 38Page - STMicroelectronics STUSB1600 Datasheet HTML 39Page - STMicroelectronics STUSB1600 Datasheet HTML 40Page - STMicroelectronics STUSB1600 Datasheet HTML 41Page - STMicroelectronics STUSB1600 Datasheet HTML 42Page - STMicroelectronics STUSB1600 Datasheet HTML 43Page - STMicroelectronics STUSB1600 Datasheet HTML 44Page - STMicroelectronics STUSB1600 Datasheet HTML 45Page - STMicroelectronics STUSB1600 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 69 page
background image
Start-up configuration
STUSB1600
42/69
DocID028937 Rev 1
6
Start-up configuration
6.1
User-defined parameters
The STUSB1600 has a set of user-defined parameters that can be customized by NVM re-
programming and/or by software through the I2C interface. This feature allows the customer
to change the preset configuration of the USB Type-C interface and to define a new
configuration to meet specific customer requirements addressing various applications, use
cases, or specific implementations.
The NVM re-programming overrides the initial default setting to define a new default setting
that is used at power-up or after a reset. The default value is copied at power-up, or after a
reset, from the embedded NVM into dedicated I2C register bits (see Section 5.1: Register
description). The NVM re-programming is possible with a customer password.
When a default value is changed during functioning by software, the new setting remains in
effect as long as the STUSB1600 is operating or when it is changed again. But after power-
off and power-up, or after a reset, the STUSB1600 takes back the default values defined in
the NVM.
Please refer to the NVM access and programming application note in order to read and
change the default values of the parameters customizable by the NVM if needed.
6.2
Default start-up configuration
The table below lists the user-defined parameters and indicates the default start-up
configuration of the STUSB1600.
Three types of user-defined parameters are specified in the table with respect to the
“Customization type” column:
SW: indicates parameters that can be customized only by software through the I2C
interface during system operation.
NVM: indicates parameters that can be customized only by NVM re-programming
NVM/SW: indicates parameters that can be customized by NVM re-programming
and/or by software through the I2C interface during system operation.
Table 37. STUSB1600 user-defined parameters and default setting
Customization
type
Parameter
Default value and description
I2C register
address
NVM/SW
CC_CONNECTION_STATUS_AL_MASK
1b: interrupt masked
0Ch
NVM/SW
MONITORING_STATUS_AL_MASK
1b: interrupt masked
0Ch
NVM/SW
HW_FAULT_STATUS_AL_MASK
1b: interrupt masked
0Ch
NVM
STANDBY_POWER_MODE_DISABLE
1b: disables standby power mode
n. a.
NVM/SW
CC_CURRENT_ADVERTISED
00b: default USB current, 500 mA or
900 mA
18h
NVM/SW
CC_VCONN_DISCHARGE_EN
0b: VCONN discharge disabled on CC
pin
18h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com